Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USA555 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # USA555
Description  PRECISION TIMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA555 Datasheet(HTML) 6 Page - Unisonic Technologies

  USA555 Datasheet HTML 1Page - Unisonic Technologies USA555 Datasheet HTML 2Page - Unisonic Technologies USA555 Datasheet HTML 3Page - Unisonic Technologies USA555 Datasheet HTML 4Page - Unisonic Technologies USA555 Datasheet HTML 5Page - Unisonic Technologies USA555 Datasheet HTML 6Page - Unisonic Technologies USA555 Datasheet HTML 7Page - Unisonic Technologies USA555 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
USA555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R106-005.C
TYPICAL APPLICATION CIRCUIT
DISCH
GND
TRIG
THRES
VCC
CONT
RESET
OUT
VCC
(5V~15V)
5
8
3
RL
Output
RA
4
7
6
2
Input
1
Figure 1. Circuit for Monostable Operation
DISCH
Figure 2. Circuit for Astable Operation
TRIG
THRES
VCC
CONT
RESET
OUT
3
Output
1
RL
VCC
(5V~15V)
RA
RB
C
58
4
7
6
2
0.01µF
Open
(see Note 1)
Notes: 1. Decoupling CONT voltage to ground with a capacitor can improve operation.
This should be evaluated for individual applications.
2. T1 = 0.693 × (RA+RB)×C1
T2 = 0.693 × RB × C1
f =
=
3. Formula 0.693 values for reference only.
GND
1
T
1.44
(RA + 2RB) × C1


Similar Part No. - USA555

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575 UTC-USA575 Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-P20-R UTC-USA575G-P20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
More results

Similar Description - USA555

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com