Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USA555 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # USA555
Description  PRECISION TIMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA555 Datasheet(HTML) 5 Page - Unisonic Technologies

  USA555 Datasheet HTML 1Page - Unisonic Technologies USA555 Datasheet HTML 2Page - Unisonic Technologies USA555 Datasheet HTML 3Page - Unisonic Technologies USA555 Datasheet HTML 4Page - Unisonic Technologies USA555 Datasheet HTML 5Page - Unisonic Technologies USA555 Datasheet HTML 6Page - Unisonic Technologies USA555 Datasheet HTML 7Page - Unisonic Technologies USA555 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
USA555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R106-005.C
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
ICC
Output Low,
No Load
VCC=15V
10
15
mA
VCC=5V
3
6
mA
Output High,
No Load
VCC=15V
9
13
mA
VCC=5V
2
5
mA
Note: This parameter influences the maximum value of the timing resistors RA and RB in the circuit of Figure 2. For
example, when VCC=5V, the maximum value is R=RA+RB≠3.4MΩ, and for VCC=15V, the maximum value is
10MΩ.
OPERATING CHARACTERISTICS (VCC=5V~15V, TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
(Note 1)
MIN
TYP
MAX
UNIT
Initial Error of
Timing Interval
(Note 2)
Each Timer, Monostable
(Note 3)
TA=25°C
1
3
%
Each Timer, Astable
(Note 4)
2.25
%
Temperature
Coefficient of
Timing Interval
Each Timer, Monostable
(Note 3)
TA=MIN~MAX
50
ppm/°C
Each Timer, Astable
(Note 4)
150
ppm/°C
Supply-Voltage
Sensitivity of
Timing Interval
Each Timer, Monostable
(Note 3)
TA=25°C
0.1
0.5
%/V
Each Timer, Astable
(Note 4)
0.3
%/V
Output-Pulse Rise Time
TR
CL=15pF, TA=25°C
100
300
ns
Output-Pulse Fall Time
TF
CL=15pF, TA=25°C
100
300
ns
Notes: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating
conditions.
2. Timing interval error is defined as the difference between the measured value and the average value of a
random sample from each process run.
3. Values specified are for a device in a monostable circuit similar to Figure 1, with the following component
values: RA=2kΩ~100kΩ, C=0.1µF.
4. Values specified are for a device in an astable circuit similar to Figure 2, with the following component
values: RA=1kΩ~100kΩ, C=0.1µF.


Similar Part No. - USA555

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575 UTC-USA575 Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-P20-R UTC-USA575G-P20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
More results

Similar Description - USA555

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com