Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USA555 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # USA555
Description  PRECISION TIMERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USA555 Datasheet(HTML) 2 Page - Unisonic Technologies

  USA555 Datasheet HTML 1Page - Unisonic Technologies USA555 Datasheet HTML 2Page - Unisonic Technologies USA555 Datasheet HTML 3Page - Unisonic Technologies USA555 Datasheet HTML 4Page - Unisonic Technologies USA555 Datasheet HTML 5Page - Unisonic Technologies USA555 Datasheet HTML 6Page - Unisonic Technologies USA555 Datasheet HTML 7Page - Unisonic Technologies USA555 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
USA555
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R106-005.C
MARKING
SOP-8
DIP-8
PIN CONFIGURATION
1
2
3
4
8
7
6
5
GND
TRIG
OUT
RESET
VCC
DISCH
THRES
CONT
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
TRIG
Trigger signal
3
OUT
Output terminal
4
RESET
Reset terminal
5
CONT
Control voltage
6
THRES
Threshold
7
DISCH
Discharge
8
VCC
Power supply
FUNCTION TABLE
RESET
TRIGGER
VOLTAGE (Note)
THRESHOLD
VOLTAGE (Note)
OUTPUT
DISCHARGE
SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
< 1/3 VCC
Irrelevant
High
Off
High
> 1/3 VCC
> 2/3 VCC
Low
On
High
> 1/3 VCC
< 2/3 VCC
As previously established
Note: Voltage levels shown are nominal.


Similar Part No. - USA555

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USA575 UTC-USA575 Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575 UTC-USA575 Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-P20-R UTC-USA575G-P20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
230Kb / 7P
LOW VOLTAGE COMPANDOR
USA575G-R20-R UTC-USA575G-R20-R Datasheet
232Kb / 7P
LOW VOLTAGE COMPANDOR
More results

Similar Description - USA555

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com