Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222-EP Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61222-EP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS61222-EP_15 Datasheet HTML 12Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 13Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 14Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 15Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 16Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 17Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 18Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 19Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS61222MDCKTEP
SC70
DCK
6
250
178.0
8.4
2.4
2.5
1.2
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Feb-2014
Pack Materials-Page 1


Similar Part No. - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
[Old version datasheet]   28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
[Old version datasheet]   TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com