Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222-EP Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS61222-EP
Description  LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61222-EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61222-EP_15 Datasheet HTML 10Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 11Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 12Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 13Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 14Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 15Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 16Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 17Page - Texas Instruments TPS61222-EP_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
TPS61222MDCKTEP
ACTIVE
SC70
DCK
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
SHL
V62/12603-01XE
ACTIVE
SC70
DCK
6
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
SHL
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF TPS61222-EP :


Similar Part No. - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61220 TI-TPS61220_15 Datasheet
1Mb / 27P
TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61097A-33 TI1-TPS61097A-33_16 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61096A TI1-TPS61096A Datasheet
2Mb / 28P
28-V Output Voltage Boost Converter with Ultra-Low Quiescent Current
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61299 TI1-TPS61299_V01 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
TPS61299 TI1-TPS61299_V03 Datasheet
3Mb / 34P
TPS61299 95-nA Quiescent Current, 5.5-V Boost Converter with Input Current Limit and Fast Transient Performance
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com