Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA280-44Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA280-44Z
Description  44 pin PLCC socket/40 pin DIP 0.6??plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA280-44Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA280-44Z Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
SY
T E M S
S
PA280-44(Z) Data Sheet
Doc: 280-PD.DOC
Rev 09/08/99
Page 1 of 1
Supported Device/Footprints
This adapter allows programming of several PLCC, CLCC, and
LCC devices in their DIP footprint. The following is a partial list:
Device
Footprint
Mfgr
Device
Package
Programmer
Socket
Intel
27C210
27C220
27C240
PLCC,
CLCC
Many
40 pin DIP
Several
27C1024
27C2048
27C4096
PLCC,
CLCC
Many
40 pin DIP
Adapter Dimensions
PA280-44
PA280-44Z
Adapter Parts & Part Numbers
The following chart shows the various socket and board part
numbers that make up these adapters.
Adapter
Socket Type
Test Socket
Circuit Board
PA280-44
Auto Eject
44-306
PA280-PD
PA280-44Z
Lidded ZIF
44-400
PA280-PZD
Adapter Construction
The adapter is made up of 2 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
Test Socket
LSC #
Mfgr/Part Number
44-306
Yamaichi IC120-0444-306
44-400
Yamaichi IC51-0444-400
Adapter Wiring
The following chart shows the connections from the PLCC
device to the adapter’s DIP plug.
DEVICE
PLUG
PLUG
DEVICE
1NC
40
44
2
1
39
43
3
2
38
42
4
3
37
41
5
4
36
40
6
5
35
39
7
6
34
38
8
7
33
37
9
8
32
36
10
9
31
35
11
10
30
34
12
11
NC
33
13
NC
29
32
14
12
28
31
15
13
27
30
16
14
26
29
17
15
25
28
18
16
24
27
19
17
23
26
20
18
22
25
21
19
21
24
22
20
NC
23
Skip PLCC pins 1, 13, 23, 33
PA280-44(Z) Data Sheet
44 pin PLCC socket/40 pin DIP 0.6” plug


Similar Part No. - PA280-44Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2804 RENESAS-PA2804_15 Datasheet
217Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - PA280-44Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA51-44 ETC2-PA51-44 Datasheet
36Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA17C42-PD ETC2-PA17C42-PD Datasheet
34Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-P64 ETC2-PA44-40-P64 Datasheet
36Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
   44 pin PLCC socket/40 pin DIP 0.6??plug
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-33-DP ETC2-PA40-44-33-DP Datasheet
41Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-P64-DP ETC2-PA40-44-P64-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
PA40-44-X-DZ-PP ETC2-PA40-44-X-DZ-PP Datasheet
53Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com