Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA28-28-DP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA28-28-DP
Description  28 pin DIP ZIF socket/28 pin PLCC plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA28-28-DP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA28-28-DP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Logical Systems Corporation
PO Box 6184, Syracuse, NY 13217-6184 USA
Tel (315) 478-0722, FAX (315) 479-6753
www.logicalsys.com, Email: info@logicalsys.com
SY
T E M S
S
PA28-28-DP(-PP) Data Sheet
Doc: 28DP.DOC
Rev 1/28/97
Page 1 of 1
Supported Device/Footprints
The PA28-28-DP adapter accepts 28 pin DIP devices and plugs
into 28 pin PLCC production sockets. This allows DIP devices or
emulators with DIP plugs to be used during development of
PLCC based products.
The PA28-28-DP-PP has a production socket only.
Adapter Dimensions
PA28-28-DP
PA28-28-DP-PP
Adapter Construction
The adapter is made up of 3 sub-assemblies. They assemble via
connectors making the adapter modular. This way the sub-
assemblies can be replaced when they wear out.
When disassembling the adapter take care not to bend the pins.
When reassembling the adapter note the pin 1 indicators to align
the parts correctly.
Test Socket
Aries Part #: 28-6554-11
LSC Part #: 28ADZ
28-28-1-DIP
Accepts the test socket and connects to the the bottom board
28PLUG
Accepts the top board and provides the PLCC Plug.
Adapter Wiring
This adapter is wired 1 to 1. The following chart shows the
connections from the DIP device to the adapter’s PLCC plug.
DEVICE
PLUG
11
22
33
44
55
66
77
88
99
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
PA28-28-DP(-PP) Data Sheet
28 pin DIP ZIF socket/28 pin PLCC plug


Similar Part No. - PA28-28-DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28Z ETC2-PA28-28Z Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
More results

Similar Description - PA28-28-DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA32-28 ETC2-PA32-28 Datasheet
28Kb / 1P
32 pin PLCC socket/28 pin DIP 0.6??plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA28PL28D-YA ETC2-PA28PL28D-YA Datasheet
85Kb / 2P
28 PIN PLCC SOCKET ADAPTER
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
44 pin QFP socket/28 pin DIP 0.6??plug
PA16SS-OT-3 ETC2-PA16SS-OT-3 Datasheet
46Kb / 1P
16-28 pin SSOP socket/16-28 pin DIP plug (0.3??or 0.6??
PA14SO1-08H-3 ETC2-PA14SO1-08H-3 Datasheet
23Kb / 1P
14-28 pin SO socket/14-28 pin DIP 0.3"or 0.6" plug
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
40 pin DIP socket/44 pin PLCC plug
PA40-44-01-DP ETC2-PA40-44-01-DP Datasheet
40Kb / 1P
40 pin DIP socket/44 pin PLCC plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com