Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMV130ENEA Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMV130ENEA
Description  40 V, N-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMV130ENEA Datasheet(HTML) 1 Page - NXP Semiconductors

  PMV130ENEA_15 Datasheet HTML 1Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 2Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 3Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 4Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 5Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 6Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 7Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 8Page - NXP Semiconductors PMV130ENEA_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PMV130ENEA
40 V, N-channel Trench MOSFET
12 June 2014
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
2. Features and benefits
Logic-level compatible
Very fast switching
Trench MOSFET technology
1 kV ESD protected
AEC-Q101 qualified
3. Applications
Relay driver
High-speed line driver
Low-side load switch
Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
40
V
VGS
gate-source voltage
Tj = 25 °C
-20
-
20
V
ID
drain current
VGS = 10 V; Tamb = 25 °C
[1]
-
-
2.1
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 1.5 A; Tj = 25 °C
-
95
120
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.


Similar Part No. - PMV130ENEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV130ENEA NEXPERIA-PMV130ENEA Datasheet
273Kb / 15P
   40 V, N-channel Trench MOSFET
More results

Similar Description - PMV130ENEA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK6D120-40E NEXPERIA-BUK6D120-40E Datasheet
288Kb / 15P
   40 V, N-channel Trench MOSFET
29 April 2019
PMPB14XN NEXPERIA-PMPB14XN Datasheet
311Kb / 14P
   40 V, N-channel Trench MOSFET
11 March 2020
PMV30ENEA NEXPERIA-PMV30ENEA Datasheet
259Kb / 14P
   40 V N-channel Trench MOSFET
2 April 2019
BUK6D30-40E NEXPERIA-BUK6D30-40E Datasheet
294Kb / 14P
   40 V, N-channel Trench MOSFET
11 March 2020
PMN20ENA NEXPERIA-PMN20ENA Datasheet
294Kb / 13P
   40 V, N-channel Trench MOSFET
30 April 2019
PMN30ENEA NEXPERIA-PMN30ENEA Datasheet
263Kb / 14P
   40 V N-channel Trench MOSFET
2 April 2019
PMV130ENEA NEXPERIA-PMV130ENEA Datasheet
273Kb / 15P
   40 V, N-channel Trench MOSFET
PMV65ENEA NEXPERIA-PMV65ENEA Datasheet
721Kb / 16P
   40 V, N-channel Trench MOSFET
BUK6D23-40E NEXPERIA-BUK6D23-40E Datasheet
289Kb / 15P
   40 V, N-channel Trench MOSFET
13 December 2017
BUK9D23-40E NEXPERIA-BUK9D23-40E Datasheet
311Kb / 15P
   40 V, N-channel Trench MOSFET
13 December 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com