Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMZB550UNE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMZB550UNE
Description  30 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMZB550UNE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMZB550UNE_15 Datasheet HTML 1Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 2Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 3Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 4Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 5Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 6Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 7Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 8Page - NXP Semiconductors PMZB550UNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMZB550UNE
30 V, N-channel Trench MOSFET
PMZB550UNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
25 March 2015
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
S
source
3
D
drain
3
1
2
Transparent
top view
DFN1006B-3 (SOT883B)
017aaa255
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMZB550UNE
DFN1006B-3
DFN1006B-3: leadless ultra small plastic package; 3 solder
lands; body 1.0 x 0.6 x 0.37 mm
SOT883B
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMZB550UNE
0101 0101
MARKING CODE
(EXAMPLE)
PIN 1 INDICATION
READING DIRECTION
READING DIRECTION
READING EXAMPLE:
0111
1011
006aac673
Fig. 1. DFN1006B-3 (SOT883B) binary marking code description


Similar Part No. - PMZB550UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZB550UNE NEXPERIA-PMZB550UNE Datasheet
712Kb / 15P
   30 V, N-channel Trench MOSFET
More results

Similar Description - PMZB550UNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
   30 V, N-channel Trench MOSFET
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
   30 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
   30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
   30 V, N-channel Trench MOSFET
25 March 2015
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
   30 V N-channel Trench MOSFET
14 January 2014
logo
Nexperia B.V. All right...
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
   30 V, N-channel Trench MOSFET
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
   30 V, N-channel Trench MOSFET
29 April 2019
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
   30 V, N-channel Trench MOSFET
12 April 2019
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
   30 V, N-channel Trench MOSFET
7 July 2020
PMPB15ENE NEXPERIA-PMPB15ENE Datasheet
294Kb / 14P
   30 V, N-channel Trench MOSFET
30 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com