Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2025A Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TEA2025A
Description  STEREO AUDIO AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025A Datasheet(HTML) 4 Page - Unisonic Technologies

  TEA2025A_15 Datasheet HTML 1Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 2Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 3Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 4Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 5Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 6Page - Unisonic Technologies TEA2025A_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TEA2025A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R107-012.C
APPLICATION IN FORMATION
Stereo Amplifier
Bridge Amplifier
INPUT
78
9
65
4
10 11 12
32
1
+
100µ/16V
C1
+
+
+
+
+
+
+
+
+
C2
470µ/16V
C4
C3
0.15µ
C5
100µ/16V
100µF
RL
VCC
C7
0.15µ
C6
470µ/16V
Polyester film capacitor
C8
100µ/16V
C9 100µ/16V
C10
100µ/16V
Fin
Fin
UTC TEA2025A
0.22μF


Similar Part No. - TEA2025A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA2025AG-D12-H-T UTC-TEA2025AG-D12-H-T Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AHG-D16-T UTC-TEA2025AHG-D16-T Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AHL-D16-T UTC-TEA2025AHL-D16-T Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AL-D12-H-T UTC-TEA2025AL-D12-H-T Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
More results

Similar Description - TEA2025A_15

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com