Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX941 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX941
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX941 Datasheet HTML 1Page - Maxim Integrated Products MAX941 Datasheet HTML 2Page - Maxim Integrated Products MAX941 Datasheet HTML 3Page - Maxim Integrated Products MAX941 Datasheet HTML 4Page - Maxim Integrated Products MAX941 Datasheet HTML 5Page - Maxim Integrated Products MAX941 Datasheet HTML 6Page - Maxim Integrated Products MAX941 Datasheet HTML 7Page - Maxim Integrated Products MAX941 Datasheet HTML 8Page - Maxim Integrated Products MAX941 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 2.7V to 6.0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. See Note 14.)
Note 1:
Inferred from the CMRR test. Note also that either or both inputs can be driven to the absolute maximum limit (0.3V
beyond either supply rail) without damage or false output inversion.
Note 2:
The input-referred trip points are the extremities of the differential input voltage required to make the comparator output
change state. The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis
zone. See Figure 1.
Note 3:
VOS is defined as the center of the input-referred hysteresis zone. See Figure 1.
Note 4:
The polarity of IB reverses direction as VCM approaches either supply rail. See Typical Operating Characteristics for more
detail.
Note 5:
Specified over the full common-mode range (VCMR).
Note 6:
Applies to the MAX941 only when in shutdown mode. Specification is for current flowing into or out of the output pin for
VOUT driven to any voltage from V+ to GND.
Note 7:
Typical power dissipation specified with V+ = 3V; maximum with V+ = 6V.
Note 8:
Parameter is guaranteed by design and specified with VOD = 5mV and CLOAD = 15pF in parallel with 400µA of sink or
source current. VOS is added to the overdrive voltage for low values of overdrive. See Figure 2.
Note 9:
Specified between any two channels in the MAX942/MAX944.
Note 10: Specified as the difference between tPD+ and tPD- for any one comparator.
Note 11: Applies to the MAX941 only for both
S
H
D
N
and
L
A
T
C
H
pins.
Note 12: Applies to the MAX941 only. Comparator is active with
L
A
T
C
H
pin driven high and is latched with
L
A
T
C
H
pin driven low.
See Figure 2.
Note 13: Applicable to the MAX941 only. Comparator is active with
S
H
D
N
pin driven high and is in shutdown with
S
H
D
N
pin driven
low. Shutdown disable time is the delay when
S
H
D
N
is driven high to the time the output is valid.
Note 14: The MAX941EUA and MAX942EUA are 100% production tested at TA = +25°C. Specifications over temperature are
guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current per Comparator
380
600
Logic Input Voltage High
VIH
(Note 11)
V
2
+
+ 0.4
V
2
+
V
Logic Input Voltage Low
VIL
(Note 11)
V
2
+
V
2
+
- 0.4
V
Logic Input Current
IIL, IIH
VLOGIC = 0V or V+ (Note 11)
2
10
µA
Data-to-Latch Setup Time
tS
(Note 12)
20
ns
Latch-to-Data Hold Time
tH
(Note 12)
30
ns
Latch Pulse Width
tLPW
MAX941 only
50
ns
Latch Propagation Delay
tLPD
MAX941 only
70
ns
Shutdown Time
(Note 13)
3
µs
Shutdown Disable Time
(Note 13)
10
µs
Propagation Delay Skew
(Note 10)
10
ns
ICC
V+ = 3V
350
500
MAX941 only, shutdown mode (V+ = 3V)
12
60
µA
1.0
4.2
Power Dissipation per
Comparator
PD
(Note 7)
1.0
3.6
mW
Differential Propagation Delay
dtPD
(Note 9)
10
ns
MAX941
MAX942/MAX944
430
700
MAX941
V+ = 5V
400
600
MAX942/MAX944
MAX941
MAX942/MAX944
MAX94_C
MAX94_E/M
80
150
Propagation Delay
tPD+,
tPD-
(Note 8)
80
200
ns


Similar Part No. - MAX941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941AUA-T MAXIM-MAX941AUA-T Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941AUA-T MAXIM-MAX941AUA-T Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX941CPA MAXIM-MAX941CPA Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941CPA MAXIM-MAX941CPA Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
More results

Similar Description - MAX941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com