Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX941 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX941
Description  High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX941 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX941 Datasheet HTML 4Page - Maxim Integrated Products MAX941 Datasheet HTML 5Page - Maxim Integrated Products MAX941 Datasheet HTML 6Page - Maxim Integrated Products MAX941 Datasheet HTML 7Page - Maxim Integrated Products MAX941 Datasheet HTML 8Page - Maxim Integrated Products MAX941 Datasheet HTML 9Page - Maxim Integrated Products MAX941 Datasheet HTML 10Page - Maxim Integrated Products MAX941 Datasheet HTML 11Page - Maxim Integrated Products MAX941 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Speed, Low-Power, 3V/5V,
Rail-to-Rail Single-Supply Comparators
10
______________________________________________________________________________________
_Ordering Information (continued)
* Dice are specified at TA = +25°C, DC parameters only.
_________________Chip Topographies
PART
TEMP. RANGE
PIN-PACKAGE
MAX942CPA
0°C to +70°C
8 Plastic DIP
MAX942CSA
0°C to +70°C
8 SO
MAX942MJA
-55°C to +125°C
8 CERDIP
MAX942EPA
-40°C to +85°C
8 Plastic DIP
MAX942ESA
-40°C to +85°C
8 SO
MAX944CPD
0°C to +70°C
14 Plastic DIP
MAX944CSD
0°C to +70°C
14 SO
MAX944EPD
-40°C to +85°C
14 Plastic DIP
MAX944ESD
-40°C to +85°C
14 SO
MAX944MJD
-55°C to +125°C
14 CERDIP
IN+
0.056"
(1.42mm)
0.058"
(1.47mm)
IN-
SHDN
LATCH
GND
OUT
V+
OUTB
0.062"
(1.57mm)
0.064"
(1.63mm)
V+
OUTA
GND
INB-
INB+
INA-
INA+
MAX941
MAX942
TRANSISTOR COUNT: 134(MAX941), 190(MAX942)
SUBSTRATE CONNECTED TO GND
MAX942C/D
0°C to +70°C
Dice*
MAX942EUA
-40°C to +85°C
8 µMAX


Similar Part No. - MAX941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941AUA-T MAXIM-MAX941AUA-T Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941AUA-T MAXIM-MAX941AUA-T Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX941CPA MAXIM-MAX941CPA Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941CPA MAXIM-MAX941CPA Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
More results

Similar Description - MAX941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com