Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9141 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9141
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9141 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9141 Datasheet HTML 4Page - Maxim Integrated Products MAX9141 Datasheet HTML 5Page - Maxim Integrated Products MAX9141 Datasheet HTML 6Page - Maxim Integrated Products MAX9141 Datasheet HTML 7Page - Maxim Integrated Products MAX9141 Datasheet HTML 8Page - Maxim Integrated Products MAX9141 Datasheet HTML 9Page - Maxim Integrated Products MAX9141 Datasheet HTML 10Page - Maxim Integrated Products MAX9141 Datasheet HTML 11Page - Maxim Integrated Products MAX9141 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Chip Information
MAX9140 TRANSISTOR COUNT: 158
MAX9141 TRANSISTOR COUNT: 192
MAX9142 TRANSISTOR COUNT: 314
MAX9144 TRANSISTOR COUNT: 620
PROCESS: Bipolar
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
_______________________________________________________________________________________
9
ISOURCE
ISINK
VCC
GND
OUTPUT
MAX9140
MAX9141
MAX9142
MAX9144
ANALOG IN
VSS
SERIAL
DIGITAL
INPUT
MAX512
VDD
SDI
DACOUTC
VDD = 3.3V
VREFC
8-BIT DAC
GND
MAX9140
0
3V
CLEAN
DIGITAL
SIGNAL
10k
20k
20k
VCC = 3V
COAX LINE
MAX9140
Figure 4. Output Stage Circuitry
Figure 5. 3.3V Digitally Controlled Threshold Detector
Figure 6. Line Receiver Application


Similar Part No. - MAX9141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9141 MAXIM-MAX9141 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9141EKA-T MAXIM-MAX9141EKA-T Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9141ESA MAXIM-MAX9141ESA Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results

Similar Description - MAX9141

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com