Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9142EKA-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9142EKA-T
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9142EKA-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9142EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 9Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
6
_______________________________________________________________________________________
NAME
FUNCTION
OUTA
Comparator A Output
INA-
Comparator A Inverting Input
Pin Description
INA+
Comparator A Noninverting Input
5
VCC
Positive Supply
OUTC
Comparator C Output
OUTB
Comparator B Output
INB-
Comparator B Inverting Input
INB+
Comparator B Noninverting Input
IND-
Comparator D Inverting Input
IND+
Comparator D Noninverting Input
2
GND
Ground
INC+
Comparator C Noninverting Input
INC-
Comparator C Inverting Input
OUTD
Comparator D Output
3
IN+
Noninverting Input
4
IN-
Inverting Input
S
H
D
N
Shutdown: MAX9141 is active when S
H
D
N
is driven high;
MAX9141 is in shutdown when S
H
D
N
is driven low.
LE
The output is latched when LE is low. The latch is transparent when
LE is high.
1
OUT
Comparator Output
N.C.
No Connection. Not internally connected.
3
1
2
8
7
6
5
4
3
1
2
4
8
7
6
5
13
12
11
10
9
14
MAX9144
MAX9142
MAX9140
OUTPUT
2V/div
INPUT
50mV/div
PROPAGATION DELAY (tPD-)
10ns/div
VOD = 10mV
VCC = 5.5V
OUTPUT
2V/div
INPUT
50mV/div
SINUSOID RESPONSE AT 4MHz
50ns/div
VCC = 5.5V
OUTPUT
2V/div
INPUT
50mV/div
PROPAGATION DELAY (tPD+)
10ns/div
VOD = 10mV
VCC = 5.5V
Typical Operating Characteristics (continued)
(VCC = 3.0V, VCM = 0, CL =15pF, VOD = 10mV, TA = +25°C, unless otherwise noted.)
PIN
1
4
2
3
6
5
7
8
MAX9141


Similar Part No. - MAX9142EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9142EKA-T MAXIM-MAX9142EKA-T Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results

Similar Description - MAX9142EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com