Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9142EKA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9142EKA-T
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9142EKA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9142EKA-T Datasheet HTML 1Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 2Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 3Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 4Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 5Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 6Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 7Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 8Page - Maxim Integrated Products MAX9142EKA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.0V, VCM = 0, CL =15pF, VOD = 10mV, TA = +25°C, unless otherwise noted.)
0
100
50
200
150
250
300
3456
MAX9140 SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
320
322
326
324
328
330
-40
0
-20
20406080
100
OUTPUT LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
ISINK = 4mA
5.00
5.05
5.10
5.15
5.20
-40
0
-20
20
40
60
80
100
OUTPUT HIGH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
ISOURCE = 4mA
VCC = 5.5V
35
40
45
50
-40
0
-20
20406080
100
OUTPUT SHORT-CIRCUIT (SINK) CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
15
25
35
45
-40
0
-20
20
40
60
80
100
OUTPUT SHORT-CIRCUIT (SOURCE)
CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
0
40
20
80
60
120
100
140
-50
0
25
-25
50
75
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX9142EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9142EKA-T MAXIM-MAX9142EKA-T Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results

Similar Description - MAX9142EKA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com