Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4VAC13CW6 Datasheet(PDF) 3 Page - HB Electronic Components

Part # 4VAC13CW6
Description  High radiometric power per LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

4VAC13CW6 Datasheet(HTML) 3 Page - HB Electronic Components

  4VAC13CW6 Datasheet HTML 1Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 2Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 3Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 4Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 5Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part No.:
Electrical and optical characteristics (Ta = 25℃)
Value
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
12.8
V
Luminous Flux
Φv
450
----
lm
Viewing Angle
2θ1/2
----
120
----
Deg.
Color Temperature
CCT
IF = 350mA
5000
-----
6500
K
Thermal Resistance
Rj
-----
5
℃/W
Luminous Flux Bins(Ta = 25℃)
Unit: lm
Bin
Y
Z
A2
Min
400
450
500
Max
450
500
600
Chromaticity Coordinates Ranks(IF=350mA
Ta=25℃)
Bin
x1
y1
x2
y2
x3
y3
x4
y4
PT1
0.3384
0.3650
0.3381
0.3550
0.3461
0.3617
0.3469
0.3717
PT2
0.3381
0.3550
0.3378
0.3451
0.3453
0.3518
0.3461
0.3617
PT3
0.3378
0.3451
0.3374
0.3352
0.3444
0.3418
0.3453
0.3518
PT4
0.3374
0.3352
0.3371
0.3252
0.3436
0.3318
0.3444
0.3418
PV1
0.3300
0.3584
0.3302
0.3484
0.3381
0.3550
0.3384
0.3650
PV2
0.3302
0.3484
0.3303
0.3384
0.3378
0.3451
0.3381
0.3550
PV3
0.3303
0.3384
0.3304
0.3285
0.3374
0.3352
0.3378
0.3451
PV4
0.3304
0.3285
0.3306
0.3185
0.3371
0.3252
0.3374
0.3352
PW1
0.3236
0.3534
0.3242
0.3434
0.3302
0.3484
0.3300
0.3584
PW2
0.3242
0.3434
0.3247
0.3335
0.3303
0.3384
0.3302
0.3484
PW3
0.3247
0.3335
0.3253
0.3235
0.3304
0.3285
0.3303
0.3384
PW4
0.3253
0.3235
0.3258
0.3136
0.3306
0.3185
0.3304
0.3285
PX1
0.3173
0.3484
0.3182
0.3385
0.3242
0.3434
0.3236
0.3534
PX2
0.3182
0.3385
0.3191
0.3286
0.3247
0.3335
0.3242
0.3434
PX3
0.3191
0.3286
0.3201
0.3186
0.3253
0.3235
0.3247
0.3335
PX4
0.3201
0.3186
0.3210
0.3086
0.3258
0.3136
0.3253
0.3235
PY1
0.3109
0.3434
0.3122
0.3335
0.3182
0.3385
0.3173
0.3484
PY2
0.3122
0.3335
0.3135
0.3236
0.3191
0.3286
0.3182
0.3385
PY3
0.3135
0.3236
0.3149
0.3136
0.3201
0.3186
0.3191
0.3286
PY4
0.3149
0.3136
0.3162
0.3037
0.3210
0.3086
0.3201
0.3186
Hebei I.T. (Shanghai) Co., Lt d.
SPECIFICATION
Page 3 of 6
Rev:B/3
www.ledz.com
4V AC1 3CW6


Similar Part No. - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
More results

Similar Description - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com