Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4VAC13CW6 Datasheet(PDF) 1 Page - HB Electronic Components

Part # 4VAC13CW6
Description  High radiometric power per LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

4VAC13CW6 Datasheet(HTML) 1 Page - HB Electronic Components

  4VAC13CW6 Datasheet HTML 1Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 2Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 3Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 4Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 5Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part No.:
4V AC1 3CW6
Features:
High radiometric power per LED
Very long operating life
(up to 100K hours)
Low voltage DC operated
More Energy Efficient than Incandescent
and most Halogen lamps
Good color uniformity
NO UV
Superior ESD protection
Easy installation with Screws
High Heat dissipstion Efficiency
Typical Applications:
Reading lights(car,bus,aircraft)
Portable(flashlight,bicycle)
Automotive Exterior(Stop-Tail-Turn,
CHMSL,Mirror Side Repeat)
Decorative/Entertainment
Dental curing lights
Uplighters/Downlighters
Bollards/Security/Garden
Cove/Undershelf/Task
Indoor/Outdoor Commercial and Residential Architectural
Automotive Ext(stop-Tail-Turn)
Street Lamp
NOTE:
All dimensions are millimeter.
Tolerance is ±0.1mm unless otherwise noted.
It is strongly recommended that the temperature of
lead be not higher than 70℃.
The appearance and specifications of the product may
be modified for improvement without notice.
Hebei I.T. (Shanghai) Co., Lt d.
SPECIFICATION
Page 1 of 6
Rev:B/3
www.ledz.com


Similar Part No. - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
More results

Similar Description - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com