Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4VAC13CW6 Datasheet(PDF) 4 Page - HB Electronic Components

Part # 4VAC13CW6
Description  High radiometric power per LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

4VAC13CW6 Datasheet(HTML) 4 Page - HB Electronic Components

  4VAC13CW6 Datasheet HTML 1Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 2Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 3Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 4Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 5Page - HB Electronic Components 4VAC13CW6 Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Part No.:
Note
1. Flux is measured with an accuracy of ±15%
2. Chromaticity Coordinates (x,y) is measured with an accuracy of ±0.01
3. Forward Voltage is measured with an accuracy of ± 0.2V
4. It is strongly recommended that the temperature of lead be not higher than 70
oC
6300K
5000K
5600K
PT1
PT2
PT3
PT4
PV1
PV2
PV3
PV4
PW1
PW2
PW3
PW4
PX1
PX2
PX3
PX4
PY1
PY2
PY3
PY4
X
Y
0.310
0.320
0.330
0.340
0.350
0.300
0.310
0.320
0.330
0.340
0.350
0.360
0.370
0.300
Blackbody Curve
Hebei I.T. (Shanghai) Co., Lt d.
SPECIFICATION
Page 4 of 6
Rev:B/3
www.ledz.com
4V AC1 3CW6


Similar Part No. - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
More results

Similar Description - 4VAC13CW6

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
3VAC9CW6 HB-3VAC9CW6 Datasheet
109Kb / 3P
   High radiometric power per LED
4VAC13CW3 HB-4VAC13CW3 Datasheet
902Kb / 7P
   High radiometric power per LED
SR12N3W3C HB-SR12N3W3C Datasheet
636Kb / 7P
   High radiometric power per LED
3VAC9CW3 HB-3VAC9CW3 Datasheet
105Kb / 3P
   High radiometric power per LED
SG7N50W6-1500MA HB-SG7N50W6-1500MA Datasheet
200Kb / 6P
   High radiometric power per LED
RG3N7W6-750MA HB-RG3N7W6-750MA Datasheet
383Kb / 6P
   High radiometric power per LED
SS12N7W6C HB-SS12N7W6C Datasheet
772Kb / 6P
   High radiometric power per LED
SS12N8W6C HB-SS12N8W6C Datasheet
792Kb / 6P
   High radiometric power per LED
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
SS12N8W3C HB-SS12N8W3C Datasheet
898Kb / 7P
   High radiometric power per LED
SG7N40W6-1400MA HB-SG7N40W6-1400MA Datasheet
322Kb / 6P
   High radiometric power per LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com