Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9140EUK-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9140EUK-T
Description  40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9140EUK-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9140EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX9140EUK-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Output Stage Circuitry
The MAX9140/MAX9141/MAX9142/MAX9144 contain a
current-driven output stage as shown in Figure 4.
During an output transition, ISOURCE or ISINK is pushed
or pulled to the output pin. The output source or sink
current is high during the transition, creating a rapid
slew rate. Once the output voltage reaches VOH or
VOL, the source or sink current decreases to a small
value, capable of maintaining the VOH or VOL static
condition. This significant decrease in current con-
serves power after an output transition has occurred.
One consequence of a current-driven output stage is a
linear dependence between the slew rate and the load
capacitance. A heavy capacitive load will slow down a
voltage output transition. This can be useful in noise-
sensitive applications where fast edges may cause
interference.
Applications Information
Circuit Layout and Bypassing
The high-gain bandwidth of the MAX9140/MAX9141/
MAX9142/MAX9144 requires design precautions to
realize the full high-speed capabilities of these com-
parators. The recommended precautions are:
1) Use a printed circuit board with a good, unbro-
ken, low-inductance ground plane.
2) Place a decoupling capacitor (a 0.1µF ceramic
capacitor is a good choice) as close to VCC as
possible.
3) Pay close attention to the decoupling capacitor’s
bandwidth, keeping leads short.
4) On the inputs and outputs, keep lead lengths
short to avoid unwanted parasitic feedback
around the comparators.
5) Solder the device directly to the printed circuit
board instead of using a socket.
40ns, Low-Power, 3V/5V, Rail-to-Rail
Single-Supply Comparators
8
_______________________________________________________________________________________
VOH
tLPW
OUT
tLPD
tPD
VCC
0
VCC
2
VCC
2
VOL
LE
DIFFERENTIAL
INPUT
VOLTAGE
VOS
VOD
tH
tS
MAX9140
MAX9141
MAX9142
MAX9144
4.1k
4.1k
TO INTERNAL
CIRCUITRY
TO INTERNAL
CIRCUITRY
IN–
IN+
Figure 3. Input Stage Circuitry
Figure 2. MAX9141 Timing Diagram with Latch Operator


Similar Part No. - MAX9140EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140EUK-T MAXIM-MAX9140EUK-T Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results

Similar Description - MAX9140EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX941 MAXIM-MAX941_08 Datasheet
266Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 8; 11/08
MAX941 MAXIM-MAX941 Datasheet
165Kb / 12P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 6/97
MAX941 MAXIM-MAX941_09 Datasheet
893Kb / 14P
   High-Speed, Low-Power, 3V/5V, Rail-to-Rail, Single-Supply Comparators
Rev 9; 3/09
logo
Linear Technology
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX49140 MAXIM-MAX49140 Datasheet
394Kb / 13P
   30ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparator
2020
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com