Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USR1101 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USR1101
Description  5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1101 Datasheet(HTML) 4 Page - Unisonic Technologies

  USR1101_15 Datasheet HTML 1Page - Unisonic Technologies USR1101_15 Datasheet HTML 2Page - Unisonic Technologies USR1101_15 Datasheet HTML 3Page - Unisonic Technologies USR1101_15 Datasheet HTML 4Page - Unisonic Technologies USR1101_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USR1101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R103-062.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Power Dissipation (TA=25°C) (Note 1)
PD
0.625
W
Storage Temperature
TSTG
-65~150
°C
Junction Temperature
TJ
150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°С/W
RECOMMENDED OPERATING CONDITIONS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
5±5%,12±10%
V
Ambient Temperature
TA
0~70
°C
Junction Temperature
TJ
0~125
°C
Notes: 1. θJA is measured in the natural convection at TA=25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
2. The device is not guaranteed to function outside its operating conditions.
ELECTRICAL CHARACTERISTICS (VCC=5V/12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC Supply Current
Nominal Supply Current
ICC
UGATE and LGATE Open
6
15
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.1
4.5
V
Hysteresis
VCCHYS
0.35
0.5
V
Switcher Reference
Reference Voltage
VREF
VCC=12V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC=12V
250
300
350
kHz
Ramp Amplitude
∆VOSC
VCC=12V
1.5
VP-P
PWM Controller Gate Drivers (VCC=12V)
Dead Time
TDT
100
ns
Protection
FB Under-Voltage Trip
FBUVT
FB Falling
70
75
80
%
OC Current Source
IOC
40
45
μA
Soft-Start Interval
TSS
2.5
ms


Similar Part No. - USR1101_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USR1101G-S08-R UTC-USR1101G-S08-R Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101G-S08-T UTC-USR1101G-S08-T Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101L-S08-R UTC-USR1101L-S08-R Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
USR1101L-S08-T UTC-USR1101L-S08-T Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results

Similar Description - USR1101_15

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8101 RICHTEK-RT8101 Datasheet
251Kb / 15P
   12V Synchronous Buck PWM DC-DC
logo
Monolithic Power System...
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com