Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6190 Datasheet HTML 1Page - Maxim Integrated Products MAX6190 Datasheet HTML 2Page - Maxim Integrated Products MAX6190 Datasheet HTML 3Page - Maxim Integrated Products MAX6190 Datasheet HTML 4Page - Maxim Integrated Products MAX6190 Datasheet HTML 5Page - Maxim Integrated Products MAX6190 Datasheet HTML 6Page - Maxim Integrated Products MAX6190 Datasheet HTML 7Page - Maxim Integrated Products MAX6190 Datasheet HTML 8Page - Maxim Integrated Products MAX6190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX6193
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VOUT
(Note 3)
TA = +25°C
To 0.1%, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
825
10Hz to 10kHz
0.1Hz to 10Hz
1000hrs at +25°C
Output Voltage
Short to IN
V
2.5V
≤ VIN ≤ 12.6V
MAX6193A
MAX6193B
Short to GND
MAX6193C
IOUT = 500µA
CONDITIONS
INPUT
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
100
tR
Turn-On Settling Time
dB
80
VOUT/VIN
Ripple Rejection
µVRMS
150
µVP-P
75
eOUT
Noise Voltage
DYNAMIC
ppm/
1000hrs
50
∆VOUT/
time
Long-Term Stability
ppm
75
∆VOUT/
cycle
Temperature Hysteresis
(Note 2)
4
mA
4
ISC
Short-Circuit Current
100
200
2.995
3.000
3.005
2.998
3.000
3.002
MAX6193B
OUTPUT
MAX6193A
mV
VIN - VOUT
Dropout Voltage (Note 4)
µV/V
20
150
∆VOUT/
∆VIN
Line Regulation
2.990
3.000
3.010
MAX6193C
25
Output-Voltage Temperature
Coefficient (Note 1)
ppm/°C
410
TCVOUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Supply Voltage Range
VIN
Guaranteed by line-regulation test
VOUT + 0.2
12.6
V
Quiescent Supply Current
IIN
27
35
µA
Change in Supply Current
IIN/VIN
(VOUT + 0.2V)
≤ VIN ≤ 12.6V
0.8
2
µA/V
2.5V
≤ VIN ≤ 12.6V
µV/V
0.14
0.60
∆VOUT/
∆VIN
Load Regulation
INPUT
DYNAMIC
OUTPUT
0.18
0.80


Similar Part No. - MAX6190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190AESA++ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190BESA++ MAXIM-MAX6190BESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190CESA++ MAXIM-MAX6190CESA+ Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
REV. E
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com