Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6190 Datasheet HTML 1Page - Maxim Integrated Products MAX6190 Datasheet HTML 2Page - Maxim Integrated Products MAX6190 Datasheet HTML 3Page - Maxim Integrated Products MAX6190 Datasheet HTML 4Page - Maxim Integrated Products MAX6190 Datasheet HTML 5Page - Maxim Integrated Products MAX6190 Datasheet HTML 6Page - Maxim Integrated Products MAX6190 Datasheet HTML 7Page - Maxim Integrated Products MAX6190 Datasheet HTML 8Page - Maxim Integrated Products MAX6190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Precision, Micropower,
Low-Dropout Voltage References
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6190
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
IN ......................................................................-0.3V to +13.5V
OUT ..........................................................-0.3V to (VIN + 0.3V)
Output Short Circuit to GND or IN (VIN < 6V) ............Continuous
Output Short Circuit to GND or IN (VIN
≥ 6V) .........................60s
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(Note 3)
TA = +25°C
To 0.1%, COUT = 50pF
VIN = 5V ±100mV, f = 120Hz
10Hz to 10kHz
0.1Hz to 10Hz
1000hrs at +25°C
Sourcing: 0
≤ IOUT ≤ 500µA
Short to IN
2.5V
≤ VIN ≤ 12.6V
MAX6190A
MAX6190B
Short to GND
MAX6190C
Sinking: -500µA
≤ IOUT ≤ 0
CONDITIONS
INPUT
nF
0
2.2
COUT
Capacitive-Load Stability Range
µs
30
tR
Turn-On Settling Time
dB
86
VOUT/VIN
Ripple Rejection
µVRMS
65
µVP-P
25
eOUT
Noise Voltage
DYNAMIC
ppm/
1000hrs
50
∆VOUT/
time
Long-Term Stability
ppm
75
∆VOUT/
cycle
Temperature Hysteresis
(Note 2)
4
mA
4
ISC
Short-Circuit Current
0.15
0.6
1.246
1.250
1.254
1.248
1.250
1.252
OUTPUT
µV/µA
0.12
0.5
∆VOUT/
∆IOUT
Load Regulation
µV/V
880
∆VOUT/
∆VIN
Line Regulation
1.244
1.250
1.256
25
Output-Voltage Temperature
Coefficient (Note 1)
ppm/°C
410
TCVOUT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Supply Voltage Range
VIN
Guaranteed by line-regulation test
2.5
12.6
V
Quiescent Supply Current
IIN
27
35
µA
Change in Supply Current
IIN/VIN
2.5V
≤ VIN ≤ 12.6V
0.8
2
µA/V
MAX6190B
MAX6190A
MAX6190C
VOUT
Output Voltage
V
INPUT
DYNAMIC
OUTPUT
825


Similar Part No. - MAX6190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190AESA++ MAXIM-MAX6190AESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190BESA++ MAXIM-MAX6190BESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6190CESA++ MAXIM-MAX6190CESA+ Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
More results

Similar Description - MAX6190

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com