Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82084 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS82084
Description  TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82084 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82084_15 Datasheet HTML 3Page - Texas Instruments TPS82084_15 Datasheet HTML 4Page - Texas Instruments TPS82084_15 Datasheet HTML 5Page - Texas Instruments TPS82084_15 Datasheet HTML 6Page - Texas Instruments TPS82084_15 Datasheet HTML 7Page - Texas Instruments TPS82084_15 Datasheet HTML 8Page - Texas Instruments TPS82084_15 Datasheet HTML 9Page - Texas Instruments TPS82084_15 Datasheet HTML 10Page - Texas Instruments TPS82084_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
L
V
V
t
I
OUT
IN
ON
L
-
´
=
D
IN
OUT
ON
V
V
ns
420
t
´
=
VOUT
FB
GND
Output Discharge
Logic
260
Direct Control
and
Compensation
Timer
ton
Comparator
Ramp
Error Amplifier
DCS - Control
TM
MOSFET Driver
Control Logic
High Side
Current Sense
Hiccup
Counter
VIN
EN
Bandgap
Undervoltage Lockout
Thermal Shutdown
EN
PG
V
FB
V
REF
V
REF
400k
(1)
Note:
(1) When the device is enabled, the 400 k
resistor is disconnected.
(2) The integrated inductor in the module, L = 0.47µH.
L
(2)
TPS82084
www.ti.com
SLVSD11A – JUNE 2015 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
The TPS82084 synchronous step-down converter power module is based on DCS-Control™ (Direct Control with
Seamless transition into Power Save Mode). This is an advanced regulation topology that combines the
advantages of hysteretic, voltage and current mode control.
The DCS-Control™ topology operates in PWM (Pulse Width Modulation) mode for medium to heavy load
conditions and in PSM (Power Save Mode) at light load currents. In PWM, the converter operates with its
nominal switching frequency of 2.4 MHz having a controlled frequency variation over the input voltage range. As
the load current decreases, the converter enters Power Save Mode, reducing the switching frequency and
minimizing the IC's quiescent current to achieve high efficiency over the entire load current range. DCS-Control™
supports both operation modes using a single building block and therefore has a seamless transition from PWM
to PSM without effects on the output voltage. The TPS82084 offers excellent DC voltage regulation and load
transient regulation, combined with low output voltage ripple, minimizing interference with RF circuits.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 PWM and PSM Operation
The TPS82084 includes a fixed on-time (tON) circuitry. This tON, in steady-state operation in PWM and PSM
modes, is estimated as:
(1)
In PWM mode, the TPS82084 operates with pulse width modulation in continuous conduction mode (CCM) with
a tON shown in Equation 1 at medium and heavy load currents. A PWM switching frequency of typically 2.4 MHz
is achieved by this tON circuitry. The device operates in PWM mode as long as the output current is higher than
half the inductor's ripple current estimated by Equation 2.
(2)
To maintain high efficiency at light loads, the device enters Power Save Mode seamlessly when the load current
decreases. This happens when the load current becomes smaller than half the inductor's ripple current. In PSM,
the converter operates with a reduced switching frequency and with a minimum quiescent current to maintain
high efficiency. The on time in PSM is also based on the same tON circuitry. The switching frequency in PSM is
estimated as:
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS82084


Similar Part No. - TPS82084_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
More results

Similar Description - TPS82084_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI-TPSM82822_V04 Datasheet
3Mb / 39P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
[Old version datasheet]   17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com