Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 26Page - Texas Instruments TMP411-Q1 Datasheet HTML 27Page - Texas Instruments TMP411-Q1 Datasheet HTML 28Page - Texas Instruments TMP411-Q1 Datasheet HTML 29Page - Texas Instruments TMP411-Q1 Datasheet HTML 30Page - Texas Instruments TMP411-Q1 Datasheet HTML 31Page - Texas Instruments TMP411-Q1 Datasheet HTML 32Page - Texas Instruments TMP411-Q1 Datasheet HTML 33Page - Texas Instruments TMP411-Q1 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
m
TMP411-Q1
(A)
(A)
(A)
(A)
TMP411-Q1
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
www.ti.com
LAYOUT CONSIDERATIONS
Remote temperature sensing on the TMP411-Q1
measures
very
small
voltages
using
very
low
currents; therefore, noise at the IC inputs must be
minimized. Most applications using the TMP411-Q1
have high digital content, with several clocks and
logic-level transitions creating a noisy environment.
Layout should adhere to the following guidelines:
1. Place the TMP411-Q1 as close to the remote
junction sensor as possible.
2. Route the D+ and D
− traces next to each other
and shield them from adjacent signals through
the use of ground guard traces, as shown in
Figure 19. If a multilayer PCB is used, bury these
traces between ground or VDD planes to shield
them from extrinsic noise sources. Five-mil
(0.127-mm) PCB traces are recommended.
3. Minimize
additional
thermocouple
junctions
A.
5-mil (0.127-mm) traces with 5-mil (0.127-
mm) spacing
caused by copper-to-solder connections. If these
junctions are used, make the same number and
Figure 19. Example Signal Traces
approximate
locations
of
copper-to-solder
connections in both the D+ and D
− connections
to cancel any thermocouple effects.
4. Use a 0.1-
μF local bypass capacitor directly
between the V+ and GND of the TMP411-Q1, as
shown in Figure 20. Minimize filter capacitance
between D+ and D
− to 1000 pF or less for
optimum
measurement
performance.
This
capacitance
includes
any
cable
capacitance
between the remote temperature sensor and
TMP411-Q1.
5. If
the
connection
between
the
remote
temperature sensor and the TMP411-Q1 is less
than 8 inches (20 cm), use a twisted-wire pair
Figure 20. Suggested Bypass Capacitor
connection. Beyond 8 inches (20 cm), use a
Placement
twisted, shielded pair with the shield grounded as
close to the TMP411-Q1 as possible. Leave the
remote sensor connection end of the shield wire
open to avoid ground loops and 60-Hz pickup.
30
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com