Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 24Page - Texas Instruments TMP411-Q1 Datasheet HTML 25Page - Texas Instruments TMP411-Q1 Datasheet HTML 26Page - Texas Instruments TMP411-Q1 Datasheet HTML 27Page - Texas Instruments TMP411-Q1 Datasheet HTML 28Page - Texas Instruments TMP411-Q1 Datasheet HTML 29Page - Texas Instruments TMP411-Q1 Datasheet HTML 30Page - Texas Instruments TMP411-Q1 Datasheet HTML 31Page - Texas Instruments TMP411-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
TMP411-Q1
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
www.ti.com
SMBUS ALERT FUNCTION
UNDERVOLTAGE LOCKOUT
The TMP411-Q1 supports the SMBus alert function.
The TMP411-Q1 senses when the power-supply
When pin 6 is configured as an alert output, the
voltage has reached a minimum voltage level for the
ALERT pin of the TMP411-Q1 may be connected as
ADC converter to function. The detection circuitry
an SMBus alert signal. When a master detects an
consists of a voltage comparator that enables the
alert condition on the ALERT line, the master sends
ADC converter after the power supply (V+) exceeds
an SMBus alert command (0001 1001) on the bus. If
2.45
V
(typical).
The
comparator
output
is
the ALERT pin of the TMP411-Q1 is active, the
continuously checked during a conversion. The
device acknowledges the SMBus alert command and
TMP411-Q1
does
not
perform
a
temperature
responds by returning its slave address on the SDA
conversion
if
the
power-supply
output
is
not
line. The eighth bit (LSB) of the slave address byte
adequate. The last valid measured temperature is
indicates whether the temperature exceeding one of
used for the temperature measurement result.
the temperature high limit settings or falling below
one of the temperature low limit settings caused the
GENERAL-CALL RESET
alert condition. This bit will is if the temperature is
The TMP411-Q1 supports reset via the two-wire
greater than or equal to one of the temperature high-
general-call address 00h (0000 0000b). The TMP411-
limit settings; this bit is low if the temperature is less
Q1 acknowledges the general-call address and
than one of the temperature low-limit settings. See
responds to the second byte. If the second byte is
Figure 17 for details of this sequence.
06h (0000 0110b), the TMP411-Q1 executes a
If multiple devices on the bus respond to the SMBus
software reset. This software reset restores the
alert command, arbitration during the slave address
power-on-reset state to all TMP411-Q1 registers,
portion of the SMBus alert command determines
aborts any conversion in progress, and clears the
which device clears its alert status. If the TMP411-Q1
ALERT and THERM pins. The TMP411-Q1 takes no
wins the arbitration, its ALERT pin becomes inactive
action in response to other values in the second byte.
at the completion of the SMBus alert command. If the
TMP411-Q1 loses the arbitration, the ALERT pin
IDENTIFICATION REGISTERS
remains active.
The
TMP411-Q1
allows
for
the
two-wire
bus
controller to query the device for manufacturer and
SHUTDOWN MODE (SD)
device
IDs.
This
feature
allows
for
software
The TMP411-Q1 shutdown mode allows the user to
identification of the device at the particular two-wire
save maximum power by shutting down all device
bus address. The manufacturer ID is obtained by
circuitry other than the serial interface, reducing
reading from pointer address FEh. The TMP411-Q1
current consumption to typically less than 3
μA; see
manufacturer code is 55h. The device ID depends on
typical
characteristic
curve
Shutdown
Quiescent
the specific model; see the Register Map (Table 4).
Current vs Supply Voltage. Shutdown mode is
These registers are read-only.
enabled when the SD bit of the Configuration
Register is high; the device shuts down once the
FILTERING
current conversion is completed. When SD is low, the
Remote junction temperature sensors are usually
device maintains a continuous conversion state.
implemented in a noisy environment. Noise is most
often created by fast digital signals, and it can corrupt
SENSOR FAULT
measurements. The TMP411-Q1 has a built-in 65-
The TMP411-Q1 senses a fault at the D+ input
kHz filter on the inputs of D+ and D
− to minimize the
resulting from incorrect diode connection or an open
effects of noise. However, a bypass capacitor placed
circuit. The detection circuitry consists of a voltage
differentially
across
the
inputs
of
the
remote
comparator that trips when the voltage at D+ exceeds
temperature sensor is recommended to make the
(V+)
− 0.6 V (typical). The comparator output is
application more robust against unwanted coupled
continuously checked during a conversion. If a fault is
signals. The value of the capacitor should be
detected, the last valid measured temperature is used
between 100 pF and 1 nF. Some applications attain
for the temperature measurement result, the OPEN
better
overall
accuracy
with
additional
series
bit (Status Register, bit 2) is set high, and, if the alert
resistance; however, this increased accuracy is
function is enabled, ALERT asserts low.
setup-specific. When series resistance is added, the
value should not be greater than 3 k
Ω.
When not using the remote sensor with the TMP411-
Q1, the D+ and D
− inputs must be connected
If filtering is needed, the suggested component
together to prevent meaningless fault warnings.
values are 100 pF and 50
Ω on each input. Exact
values are application-specific.
28
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com