Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 15Page - Texas Instruments TMP411-Q1 Datasheet HTML 16Page - Texas Instruments TMP411-Q1 Datasheet HTML 17Page - Texas Instruments TMP411-Q1 Datasheet HTML 18Page - Texas Instruments TMP411-Q1 Datasheet HTML 19Page - Texas Instruments TMP411-Q1 Datasheet HTML 20Page - Texas Instruments TMP411-Q1 Datasheet HTML 21Page - Texas Instruments TMP411-Q1 Datasheet HTML 22Page - Texas Instruments TMP411-Q1 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
300
1.008
=300 (
)
ADJUST
eff
N
n
-
g
1.008
300
=
(300
)
eff
ADJUST
n
N
-
g
2
2
1
1
ln( )
BE
BE
nkT
I
V
V
q
I
-
=
TMP411-Q1
www.ti.com
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
N-FACTOR CORRECTION REGISTER
The n-correction value must be stored in twos-
complement format, yielding an effective data range
The TMP411-Q1 allows for a different n-factor value
from
−128 to 127, as shown in Table 9. The n-
to
be
used
for
converting
remote-channel
correction value may be written to and read from
measurements to temperature. The remote channel
pointer address 18h. The register power-on-reset
uses
sequential
current
excitation
to
extract
a
value is 00h, thus having no effect unless written to.
differential VBE voltage measurement to determine
the temperature of the remote transistor. Equation 1
Table 9. N-Factor Range
relates this voltage and temperature.
NADJUST
N
BINARY
HEX
DECIMAL
(1)
0111 1111
7F
127
1.747977
0000 1010
0A
10
1.042759
The value n in Equation 1 is a characteristic of the
particular transistor used for the remote channel. The
0000 1000
08
8
1.035616
default value for the TMP411-Q1 is n = 1.008. The
0000 0110
06
6
1.028571
value in the N-Factor Correction Register may be
0000 0100
04
4
1.021622
used to adjust the effective n-factor according to
0000 0010
02
2
1.014765
Equation 2 and Equation 3.
0000 0001
01
1
1.011371
0000 0000
00
0
1.008
(2)
1111 1111
FF
−1
1.004651
1111 1110
FE
−2
1.001325
1111 1100
FC
−4
0.994737
(3)
1111 1010
FA
−6
0.988235
1111 1000
F8
−8
0.981818
1111 0110
F6
−10
0.975484
1000 0000
80
−128
0.706542
MINIMUM AND MAXIMUM REGISTERS
The TMP411-Q1 stores the minimum and maximum temperature measured since power on, chip reset, or
minimum and maximum register reset for both the local and remote channels. The Local Temperature Minimum
Register may be read by reading the high byte from pointer address 30h and the low byte from pointer address
31h. The Local Temperature Minimum Register may also be read by using a two-byte read command from
pointer address 30h. The Local Temperature Minimum Register is reset at power on, by executing the chip-reset
command, or by writing any value to any of pointer addresses 30h through 37h. The reset value for these
registers is FFh/F0h.
The Local Temperature Maximum Register may be read by reading the high byte from pointer address 32h and
the low byte from pointer address 33h. The Local Temperature Maximum Register may also be read by using a
two-byte read command from pointer address 32h. The Local Temperature Maximum Register is reset at power
on by executing the chip reset command, or by writing any value to any of pointer addresses 30h through 37h.
The reset value for these registers is 00h/00h.
The Remote Temperature Minimum Register may be read by reading the high byte from pointer address 34h and
the low byte from pointer address 35h. The Remote Temperature Minimum Register may also be read by using a
two-byte read command from pointer address 34h. The Remote Temperature Minimum Register is reset at
power on by executing the chip reset command, or by writing any value to any of pointer addresses 30h through
37h. The reset value for these registers is FFh/F0h.
The Remote Temperature Maximum Register may be read by reading the high byte from pointer address 36h
and the low byte from pointer address 37h. The Remote Temperature Maximum Register may also be read by
using a two-byte read command from pointer address 36h. The Remote Temperature Maximum Register is reset
at power on by executing the chip reset command, or by writing any value to any of pointer addresses 30h
through 37h. The reset value for these registers is 00h/00h.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com