Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 13Page - Texas Instruments TMP411-Q1 Datasheet HTML 14Page - Texas Instruments TMP411-Q1 Datasheet HTML 15Page - Texas Instruments TMP411-Q1 Datasheet HTML 16Page - Texas Instruments TMP411-Q1 Datasheet HTML 17Page - Texas Instruments TMP411-Q1 Datasheet HTML 18Page - Texas Instruments TMP411-Q1 Datasheet HTML 19Page - Texas Instruments TMP411-Q1 Datasheet HTML 20Page - Texas Instruments TMP411-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TMP411-Q1
www.ti.com
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
CONFIGURATION REGISTER
If AL/TH = 1, the ALERT/THERM2 pin implements a
THERM function (THERM2). In this mode, THERM2
The Configuration Register sets the temperature
functions similarly to the THERM pin except that the
range, controls shutdown mode, and determines how
local high limit and remote high limit registers are
the ALERT/THERM2 pin functions. The Configuration
used for the thresholds. THERM2 goes low when
Register is set by writing to pointer address 09h and
either RHIGH or LHIGH is set.
read by reading from pointer address 03h.
The temperature range is set by configuring bit 2 of
The MASK bit (bit 7) enables or disables the ALERT
the Configuration Register. Setting this bit low
pin output if AL/TH = 0. If AL/TH = 1, then the MASK
configures
the
TMP411-Q1
for
the
standard
bit has no effect. If MASK is set to 0, the ALERT pin
measurement range (0°C to 127°C), and temperature
goes low when one of the temperature measurement
conversions are stored in the standard binary format.
channels exceeds its high or low limits for the chosen
Setting bit 2 high configures the TMP411-Q1 for the
number of consecutive conversions. If the MASK bit
extended measurement range (–55°C to 150°C)
is set to 1, the TMP411-Q1 retains the ALERT pin
temperature conversions are stored in the extended
status, but the ALERT pin does not go low.
binary format (see Table 1).
The shutdown (SD) bit (bit 6) enables or disables the
The remaining bits of the Configuration Register are
temperature measurement circuitry. If SD = 0, the
reserved and must always be set to 0. The power-on-
TMP411-Q1 converts continuously at the rate set in
reset
value
for
this
register
is
00h.
Table
6
the conversion rate register. When SD is set to 1, the
summarizes the bits of the Configuration Register.
TMP411-Q1 immediately stops converting and enters
a shutdown mode. When SD is set to 0 again, the
NOTE
TMP411-Q1 resumes continuous conversions. A
The
TMP411x-Q1
device
single conversion can be started when SD = 1 by
family
is
set
to
standard
writing to the One-Shot Register.
temperature range as default.
The AL/TH bit (bit 5) controls whether the ALERT pin
Therefore, the device always
functions in ALERT mode or THERM2 mode. If
needs
to
be
configured
to
AL/TH = 0, the ALERT pin operates as an interrupt
extended temperature range
pin. In this mode, the ALERT pin goes low after the
after power-up if this feature is
set number of consecutive out-of-limit temperature
used.
measurements occurs.
Table 6. Configuration Register Bit Descriptions
CONFIGURATION REGISTER (Read = 03h, Write = 09h, POR = 00h)
BIT
NAME
FUNCTION
POWER-ON RESET VALUE
7
MASK
0 = ALERT enabled; 1 = ALERT masked
0
6
SD
0 = Run; 1 = Shut down
0
5
AL/TH
0 = ALERT mode; 1 = THERM mode
0
4, 3
Reserved
0
2
Temperature range
0 = 0°C to 127°C; 1 = –55°C to 150°C
0
1, 0
Reserved
0
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com