Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 12Page - Texas Instruments TMP411-Q1 Datasheet HTML 13Page - Texas Instruments TMP411-Q1 Datasheet HTML 14Page - Texas Instruments TMP411-Q1 Datasheet HTML 15Page - Texas Instruments TMP411-Q1 Datasheet HTML 16Page - Texas Instruments TMP411-Q1 Datasheet HTML 17Page - Texas Instruments TMP411-Q1 Datasheet HTML 18Page - Texas Instruments TMP411-Q1 Datasheet HTML 19Page - Texas Instruments TMP411-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TMP411-Q1
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
www.ti.com
STATUS REGISTER
The RHIGH bit reads as 1 if the remote temperature
has exceeded the remote high limit and remains
The TMP411-Q1 has a Status Register to report the
greater than the remote high limit less the value in
state of the temperature comparators. Table 5 shows
the Hysteresis Register. The LLOW and RLOW bits
the Status Register bits. The Status Register is read-
are not affected by the AL/TH bit.
only and is read by reading from pointer address 02h.
The LLOW bit reads as 1 if the local low limit was
The BUSY bit reads as 1 if the ADC is making a
exceeded since the last clearing of the Status
conversion. It reads as 0 if the ADC is not converting.
Register. The RLOW bit reads as 1 if the remote low
The OPEN bit reads as 1 if the remote transistor was
limit was exceeded since the last clearing of the
detected as open since the last read of the Status
Status Register.
Register. The OPEN status is only detected when the
The values of the LLOW, RLOW, and OPEN (as well
ADC is attempting to convert a remote temperature.
as LHIGH and RHIGH when AL/TH is 0) are latched
The RTHRM bit reads as 1 if the remote temperature
and read as 1 until the Status Register is read or a
has exceeded the remote THERM limit and remains
device reset occurs. These bits are cleared by
greater than the remote THERM limit less the value in
reading the Status Register, provided that the
the shared Hysteresis Register; see Figure 18.
condition causing the flag to be set no longer exists.
The values of BUSY, LTHRM, and RTHRM (as well
The LTHRM bit reads as 1 if the local temperature
as LHIGH and RHIGH when ALERT/THERM2 is 1)
has exceeded the local THERM limit and remains
are not latched and are not cleared by reading the
greater than the local THERM limit less the value in
Status Register. They always indicate the current
the shared Hysteresis Register; see Figure 18.
state, and are updated appropriately at the end of the
corresponding ADC conversion. Clearing the Status
The LHIGH and RHIGH bit values depend on the
Register bits does not clear the state of the ALERT
state of the AL/TH bit in the Configuration Register. If
pin; an SMBus alert response address command
the AL/TH bit is 0, the LHIGH bit reads as 1 if the
must be used to clear the ALERT pin.
local high limit was exceeded since the last clearing
of the Status Register. The RHIGH bit reads as 1 if
The TMP411-Q1 NORs LHIGH, LLOW, RHIGH,
the remote high limit was exceeded since the last
RLOW, and OPEN, so a status change for any of
clearing of the Status Register. If the AL/TH bit is 1,
these flags from 0 to 1 automatically causes the
the remote high limit and the local high limit are used
ALERT pin to go low (only applies when the
to implement a THERM2 function. LHIGH reads as 1
ALERT/THERM2 pin is configured for ALERT mode).
if the local temperature has exceeded the local high
limit and remains greater than the local high limit less
the value in the Hysteresis Register.
Table 5. Status Register Format
STATUS REGISTER (Read = 02h, Write = NA)
BIT #
D7
D6
D5
D4
D3
D2
D1
D0
BIT NAME
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
POR VALUE
0(1)
0
0
0
0
0
0
0
(1)
The BUSY bit changes to 1 almost immediately (<<100
μs) following power up, as the TMP411-Q1 begins the first temperature
conversion. The BUSY bit is high whenever the TMP411-Q1 is converting a temperature reading.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com