Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TMP411-Q1 Datasheet HTML 1Page - Texas Instruments TMP411-Q1 Datasheet HTML 2Page - Texas Instruments TMP411-Q1 Datasheet HTML 3Page - Texas Instruments TMP411-Q1 Datasheet HTML 4Page - Texas Instruments TMP411-Q1 Datasheet HTML 5Page - Texas Instruments TMP411-Q1 Datasheet HTML 6Page - Texas Instruments TMP411-Q1 Datasheet HTML 7Page - Texas Instruments TMP411-Q1 Datasheet HTML 8Page - Texas Instruments TMP411-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Device ID Register
Manufacturer ID Registor
THERM Hysteresis Register
Consecutive Alert
Configuration Register
T
T
R
L
Status Register
Conversion Rate
Register
N-Factor
Correction
One-Shot
Register
D+
1
5
7
8
2
3
Bus Interface
Pointer Register
Resolution Register
Configuration Register
Local Temp Low Limit
Local THERM Limit
Local Temp High Limit
Remote Temp Low Limit
Remote THERM Limit
Remote Temp High Limit
Remote
Temperature
Register
Local
Temperature
Register
Temperature
Comparators
Interrupt
Configuration
SCL
GND
THERM
4
6
ALERT/THERM2
V+
V+
SDA
D−
TMP411-Q1
Remote Temperature Min/Max Register
Local Temperature Min/Max Register
TMP411-Q1
www.ti.com
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
±1°C Remote and Local Temperature Sensor
With N-Factor and Series Resistance Correction
Check for Samples: TMP411-Q1
1
FEATURES
APPLICATIONS
2
Qualified for Automotive Applications
Automotive
AEC-Q100 Qualified With the Following
DESCRIPTION
Results
The TMP411-Q1 is a remote temperature sensor
Device Temperature Grade 1: –40°C to
monitor with a built-in local temperature sensor. The
125°C Ambient Operating Temperature
remote
temperature-sensor
diode-connected
Range
transistors are typically low-cost, NPN- or PNP-type
Device HBM ESD Classification Level H2
transistors or diodes that are an integral part of
microcontrollers, microprocessors, or FPGAs.
Device CDM ESD Classification Level C4B
±1°C Remote Diode Sensor
Remote
accuracy
is
±1°C
for
multiple
IC
manufacturers, with no calibration needed. The two-
±1°C Local Temperature Sensor
wire serial interface accepts SMBus write byte, read
Programmable Non-Ideality Factor
byte, send byte, and receive byte commands to
Series Resistance Cancellation
program
the
alarm
thresholds
and
to
read
temperature data.
Alert Function
Programmable Resolution: 9 to 12 Bits
Features that are included in the TMP411-Q1 are:
series resistance cancellation, programmable non-
Programmable Threshold Limits
ideality
factor,
programmable
resolution,
Two-Wire/ SMBus™ Serial Interface
programmable
threshold
limits,
minimum
and
Minimum and Maximum Temperature Monitors
maximum
temperature
monitors,
wide
remote
temperature measurement range (up to 150°C), diode
Multiple Interface Addresses
fault detection, and temperature alert function.
ALERT/THERM2 Pin Configuration
The
TMP411-Q1
is
available
in
an
VSSOP-8
Diode Fault Detection
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SMBus is a trademark of Intel Corp.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com