![]() |
Electronic Components Datasheet Search |
|
TMP411-Q1 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
TMP411-Q1 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 40 page ![]() 0.1mF 10k Ω (typ) 10k Ω (typ) 10k Ω (typ) 10k Ω (typ) TMP411-Q1 D+ D − V+ 1 8 7 6 4 5 3 2 R S (B) R S (B) C DIFF (C) C DIFF C) R S (2) R S (2) GND SCL SDA ALERT/THERM2 THERM +5V SMBus Controller Fan Controller Diodeconnected configuration(A): Series Resistance Transistor connected configuration (A): ( TMP411-Q1 SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013 www.ti.com APPLICATION INFORMATION The TMP411-Q1 is a dual-channel digital temperature The TMP411-Q1 requires only a transistor connected sensor that combines a local die-temperature between D+ and D − for proper remote temperature- measurement channel and a remote junction- sensing operation. The SCL and SDA interface pins temperature measurement channel in a single require pullup resistors as part of the communication VSSOP-8 package. The TMP411-Q1 is two-wire- and bus, whereas ALERT and THERM are open-drain SMBus interface-compatible and is specified over an outputs that also need pullup resistors. ALERT and ambient temperature range of −40°C to 125°C. The THERM may be shared with other devices if desired TMP411-Q1 contains multiple registers for holding for a wired-OR implementation. A 0.1- μF power- configuration information, temperature measurement supply bypass capacitor is recommended for good results, temperature comparator maximum/minimum local bypassing. Figure 11 shows a typical limits, and status information. configuration for the TMP411-Q1. User-programmed high- and low-temperature limits stored in the TMP411-Q1 can be used to trigger an over- or undertemperature alarm (ALERT) on local and remote temperatures. Additional thermal limits can be programmed into the TMP411-Q1 and used to trigger another flag (THERM) that can be used to initiate a system response to rising temperatures. A. Diode −connected configuration provides better settling time. Transistor−connected configuration provides better series resistance cancellation. B. RS (optional) should be <1.5 kΩ in most applications. Selection of RS depends on specific application; see Filtering section. C. CDIFF (optional) should be <1000 pF in most applications. Selection of CDIFF depends on specific application; see Filtering section and Figure 6, Remote Temperature Error vs Differential Capacitance. Figure 11. Basic Connections 8 Submit Documentation Feedback Copyright © 2010–2013, Texas Instruments Incorporated Product Folder Links: TMP411-Q1 |
Similar Part No. - TMP411-Q1 |
|
Similar Description - TMP411-Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |