Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP411-Q1 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMP411-Q1
Description  짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP411-Q1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP411-Q1 Datasheet HTML 28Page - Texas Instruments TMP411-Q1 Datasheet HTML 29Page - Texas Instruments TMP411-Q1 Datasheet HTML 30Page - Texas Instruments TMP411-Q1 Datasheet HTML 31Page - Texas Instruments TMP411-Q1 Datasheet HTML 32Page - Texas Instruments TMP411-Q1 Datasheet HTML 33Page - Texas Instruments TMP411-Q1 Datasheet HTML 34Page - Texas Instruments TMP411-Q1 Datasheet HTML 35Page - Texas Instruments TMP411-Q1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
TMP411-Q1
SBOS527F – DECEMBER 2010 – REVISED NOVEMBER 2013
www.ti.com
Table 14. Revision History (continued)
Revision
Literature Number
Date
Notes
E
SBOS527E
November, 2012
See(6)
(6)
TMP411-Q1 Data Sheet, (SBOS527E):
(a) Added "wide remote temperature measurement range (up to 150°C)" back into the Description section.
(b) Removed ", which is referred to as standard temperature mode" in first paragraph of Temperature Measurement Data section.
(c) Added last two sentences of first paragraph back in to Temperature Measurement Data section.
(d) Added paragraph after "Likewise, temperatures above 127°C result in a value of 127 (7Fh)." back into Temperature Measurement
Data section.
(e) Added Extended Binary columns back into Table 2.
(f) Added note after Table 2.
(g) Added "AND EXTENDED" back in to the STANDARD BINARY column headers in Table 3.
(h) Replaced last sentence of first paragraph in Limit Registers section with: The power-on-reset value of the local temperature high limit
is 55h/6Eh/00h (85°C in standard temperature mode for TMP411A-Q1 to TMP411C-Q1; 110°C in standard temperature mode for
TMP411D-Q1, 21°C in extended temperature range).
(i) Added –64°C in extended mode back in to second and fourth paragraphs in Limit Registers section.
(j) Replaced last sentence of fourth paragraph in Limit Registers section with: The power-on-reset value of the Remote Temperature
High Limit Register is 55h/6Eh/00h (85°C in standard temperature mode for TMP411A-Q1 to TMP411C-Q1; 110°C in standard
temperature mode for TMP411D-Q1; 21°C in extended temperature mode).
(k) Replaced sentence in fifth paragraph of Limit Registers section with: The power-on-reset value of the THERM limit registers is
55h/6Eh/00h (85°C in standard temperature mode for TMP411A-Q1 to TMP411C-Q1; 110°C in standard temperature mode for
TMP411D-Q1; 21°C in extended temperature mode).
(l) Added last paragraph back into the Limit Registers section.
(m) Replaced this sentence: This bit is set to 0 by default and cannot be changed, with this sentence: Setting bit 2 high configures the
TMP411-Q1 for the extended measurement range (–55°C to 150°C) temperature conversions are stored in the extended binary
format (see Table 1) in the Configuration Register section.
(n) Added note to Configuration Register section.
(o) Added 1 = –55°C to 150°C back to temperature range row in Table 6.
(p) Added "whether the device is operating in the standard or extended mode setting" to last sentence in Therm Hysteresis Register
section.
32
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: TMP411-Q1


Similar Part No. - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP411-Q1 TI1-TMP411-Q1 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411_07 Datasheet
375Kb / 28P
   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com