Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4618CPE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4618CPE
Description  High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4618CPE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4618CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 9Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 10Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 11Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 12Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 13Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 14Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 15Page - Maxim Integrated Products MAX4618CPE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
High-Speed, Low-Voltage, CMOS Analog
Multiplexers/Switches
12
______________________________________________________________________________________
50%
tOFF
VCC
0
VX0
VOUT
VENABLE
0
90%
90%
tON
50%
tOFF
VCC
0
VX0,
VY0
VOUT
VENABLE
0
90%
90%
tON
50%
tOFF
VCC
0
VX0,
VY0,
VZ0
VOUT
VENABLE
VX1,
VY1,
VZ1
90%
90%
tON
VCC
VOUT
VENABLE
VENABLE
VENABLE
GND
VCC
B
A
C
ENABLE
X0
X1–X7
X
VCC
MAX4617
300
50
35pF
VCC
VOUT
GND
VCC
B
A
ENABLE
X0, Y0
X1–X3, Y1–Y3
X, Y
VCC
MAX4618
300
50
35pF
VCC
VOUT
GND
VCC
A
B
C
ENABLE
X1, Y1, Z1
X0, Y0, Z0
X, Y, Z
VCC
MAX4619
300
35pF
50
TEST EACH SECTION INDIVIDUALLY.
Figure 3. Enable Switching Times
_________________________________Test Circuits/Timing Diagrams (continued)


Similar Part No. - MAX4618CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4618CPE+T MAXIM-MAX4618CPE+T Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
More results

Similar Description - MAX4618CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4782 MAXIM-MAX4782 Datasheet
348Kb / 16P
   High-Speed, Low-Voltage, 0.7OHM CMOS Analog Switches/Multiplexers
Rev 3; 2/05
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com