Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1308 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RP1308
Description  433.92 MHz SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RP1308 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RP1308_15 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RP1308_15 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFM products are now
Murata products.
©2010-2015 by Murata Electronics N.A., Inc.
RP1308 (R) 2/12/15
Page 1 of 2
www.murata.com
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency
Absolute Frequency
fC
2, 3, 4, 5,
433.845
433.995
MHz
Tolerance from 433.920 MHz
ΔfC
±75
kHz
Insertion Loss
IL
2, 5, 6
6.3
8.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
12,000
50
Ω Loaded Q
QL
6,300
Temperature Stability
Turnover Temperature
TO
6, 7, 8
36
51
66
°C
Turnover Frequency
fO
fC+11
kHz
Frequency Temp. Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during First Year
|fA|
6
≤ 10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC
Motional Resistance
RM
5, 7, 9
107
152
Ω
Motional Inductance
LM
481.378
µH
Motional Capacitance
CM
0.279470
fF
Shunt Static Capacitance
CO
5, 6, 9
1.4
1.7
2.0
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM P1308
TO39-3 Case
Ideal for 433.92 MHz Low-Power Transmitters
Nominal Insertion Phase Shift of 180° at Resonance
Quartz Stability
Rugged, Hermetic, Low-Profile TO39 Case
Complies with Directive 2002/95/EC (RoHS)
The RP1308 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a low-profile TO39
case. It provides reliable, fundamental-mode, quartz frequency stabilization of AM, FSK, or PSK
transmitters operating at 433.92 MHz. The RP1308 was designed specifically for remote-control
and wireless security transmitters operating in Europe under ETSI I-ETS 300 220 and in Germany
under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
433.92 MHz
SAW Resonator
RP1308
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
NOTES:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The frequency fC is the frequency of minimum IL with the resonator in the specified test fixture in a 50 Ω test system with VSWR ≤ 1.2:1. Typically,
fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488; 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C± 5°C
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO - TC)2]. Typically, oscillator TO is 20° less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance
CO is the measured static (nonmotional) capacitance between either pin 1 and ground or pin 2 and ground. The measurement includes case parasitic
capacitance.
Pb


Similar Part No. - RP1308_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1308 RFM-RP1308 Datasheet
93Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1308 MURATA-RP1308 Datasheet
153Kb / 2P
   433.92 MHz SAW Resonator
More results

Similar Description - RP1308_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2101E-2 RFM-RO2101E-2 Datasheet
100Kb / 2P
   433.92 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3101 MURATA-RO3101 Datasheet
141Kb / 2P
   433.92 MHz SAW Resonator
RO3101A-11 MURATA-RO3101A-11 Datasheet
392Kb / 2P
   433.92 MHz SAW Resonator
RO3101C-11 MURATA-RO3101C-11 Datasheet
435Kb / 2P
   433.92 MHz SAW Resonator
RO3101E MURATA-RO3101E Datasheet
390Kb / 2P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0219E TAI-SAW-TC0219E Datasheet
402Kb / 6P
   SAW Resonator 433.92 MHz
TC0170AB TAI-SAW-TC0170AB Datasheet
390Kb / 5P
   SAW Resonator 433.92 MHz
logo
List of Unclassifed Man...
FR0433M92-TE11 ETC-FR0433M92-TE11 Datasheet
87Kb / 3P
   433.92 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC433EDC TAI-SAW-TC433EDC Datasheet
228Kb / 5P
   SAW Resonator 433.92 MHz
TC0269B TAI-SAW-TC0269B Datasheet
344Kb / 5P
   SAW Resonator 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com