Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24780S Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24780S
Description  bq24780S 1- to 4-Cell Hybrid Power Boost Mode Battery Charge Controller With Power and Processor Hot Monitoring
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24780S Datasheet(HTML) 1 Page - Texas Instruments

  BQ24780S Datasheet HTML 1Page - Texas Instruments BQ24780S Datasheet HTML 2Page - Texas Instruments BQ24780S Datasheet HTML 3Page - Texas Instruments BQ24780S Datasheet HTML 4Page - Texas Instruments BQ24780S Datasheet HTML 5Page - Texas Instruments BQ24780S Datasheet HTML 6Page - Texas Instruments BQ24780S Datasheet HTML 7Page - Texas Instruments BQ24780S Datasheet HTML 8Page - Texas Instruments BQ24780S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
R
SR
Adapter
4.5-24V
HOST
bq24780S
Hybrid Power
Boost Charge
Controller
SYS
Battery
Pack
N-FET Driver
N-FET Driver
1S-4S
SMBus
IADP,
,
PROCHOT
PMON, IDCHG
SMBus Controls V & I
with high accuracy
Adapter Detection
Enhanced Safety:
OCP, OVP, FET Short
Integration:
Loop Compensation; Soft-Start
Comparator, BTST Diode
R
AC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq24780S
SLUSC93A – APRIL 2015 – REVISED APRIL 2015
bq24780S 1- to 4-Cell Hybrid Power Boost Mode Battery Charge Controller
With Power and Processor Hot Monitoring
1 Features
2 Applications
1
Industrial Innovative Charge Controller With
Notebook, Ultrabook, Detachable, and Tablet PC
Hybrid Power Boost Mode
Handheld Terminal
Adapter and Battery Provides Power to
Industrial and Medical Equipment
System Together for Intel® CPU Turbo Mode
Portable Equipment
Ultra-Fast Transient Response of 150 µs to
Enter Boost Mode
3 Description
Hybrid Power Boost Mode from 4.5- to 24-V
The
bq24780S
device
is
a
high-efficiency,
synchronous battery charger, offering low component
System
count for space-constrained, multi-chemistry battery
Charge 1- to 4-Cell Battery Pack from 4.5- to
charging applications.
24-V Adapter
The bq24780S device supports hybrid power boost
High Accuracy Power and Current Monitoring for
mode (previously called "turbo boost mode"). It allows
CPU Throttling
battery discharge energy to system when system
Comprehensive PROCHOT Profile
power demand is temporarily higher than adapter
± 2% Current Monitor Accuracy
maximum power level. Therefore, adapter does not
crash.
± 5% System Power Monitor Accuracy
(PMON)
The bq24780S device uses two charge pumps to
separately
drive
N-channel
MOSFETs
(ACFET,
Automatic NMOS Power Source Selection from
RBFET, and BATFET) for automatic system power
Adapter or Battery
source selection.
ACFET Fast Turn on in 100 µs
Through
SMBus,
system
power
management
Programmable Input Current, Charge Voltage,
microcontroller
programs
input
current,
charge
Charge and Discharge Current Limit
current, discharge current, and charge voltage DACs
±0.4% Charge Voltage (16-mV step)
with high regulation accuracies.
±2% Input Current (128-mA/step)
The bq24780S device monitors adapter current
±2% Charge Current (64-mA/step)
(IADP), battery discharge current (IDCHG), and
system power (PMON) for host to throttle back CPU
±2% Discharge Current (512-mA/step)
speed or reduce system power when needed.
High Integration
The bq24780S device charges 1-, 2-, 3-, or 4-series
Battery LEARN Function
Li+ cells.
Battery Present Monitor
Boost Mode Indicator
Device Information(1)
Loop Compensation
PART NUMBER
PACKAGE
BODY SIZE (NOM)
BTST Diode
bq24780S
WQFN (28)
4.00 × 4.00 mm2
Enhanced Safety Features for Overvoltage
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Protection, Overcurrent Protection, Battery,
Inductor, and MOSFET Short-Circuit Protection
Switching Frequency: 600 kHz, 800 kHz, and
1 MHz
Realtime System Control on ILIM Pin to Limit
Charge and Discharge Current
0.65 mA Adapter Standby Quiescent Current for
Energy Star
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ24780S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24700 TI-BQ24700 Datasheet
515Kb / 28P
NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
BQ24700 TI1-BQ24700 Datasheet
528Kb / 32P
NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PW TI-BQ24700PW Datasheet
515Kb / 28P
NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
BQ24700PW TI1-BQ24700PW Datasheet
528Kb / 32P
NOTEBOOK PC BATTERY CHARGE CONTROLLER
BQ24700PWR TI-BQ24700PWR Datasheet
515Kb / 28P
NOTEBOOK PC BATTERY CHARGE CONTROLLER AND SELECTOR WITH DPM
More results

Similar Description - BQ24780S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24800 TI1-BQ24800 Datasheet
857Kb / 11P
BQ24800 SMBus 1- to 4-Cell Buck Battery Charge Controller With Peak Power, Hybrid Power Boost and Battery Only Boost Modes
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com