Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACHL1-N-K-S-A Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACHL1-N-K-S-A
Description  CRYSTAL CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACHL1-N-K-S-A Datasheet(HTML) 1 Page - Abracon Corporation

  ACHL1-N-K-S-A Datasheet HTML 1Page - Abracon Corporation ACHL1-N-K-S-A Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
APPLICATIONS:
FEATURES:
13.2 x 11.0 x 5.5mm
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
STANDARD SPECIFICATIONS:
• Clock signal sources for digital chips and microprocessors.
• Low power applications.
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
Revised: 08.18.10
Visit www.abracon.com for Terms & Conditions of Sale
ACHL1 Series
Table 1
Rise/Fall time
0
1
0
2
10
0
4
Overall frequency stability*:
HALF SIZE DIP LOW VOLTAGE 2.5V
CRYSTAL CLOCK OSCILLATOR
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABRACON P/N
ACHL1 Series
Frequency:
Operating temperature:
Storage temperature:
- 55°C to + 125°C
± 100ppm max. (see options)
Supply voltage (Vdd):
Input current:
See Table 1
Symmetry:
40/60% max. (see option)
Rise and Fall Times (Tr/Tf):
See Table 1
Output load:
Output Voltage:
Tri State Function:
"1" (VIH >= 2.2 Vdc) or open: Oscillation
"0" (VIL < 0.8V): Hi Z
Output Disable/ Enable time:
100 ns max. (for Option "-A" ONLY)
Start-up-time:
10 ms max
PARAMETERS
1.00MHz to 80.00 MHz
-10°C to +60°C (see options)
2.5Vdc ± 10%
5 TTL or 15 pF
VOH = 2.4V min.
VOL = 0.4V max.
(MHz)
(mA)
1.00MHzHz≤
z
H
M
9
.
4
2
<
F
25.0MHz≤
z
H
M
0
0
.
0
8
<
F
g
n
i
W
ll
u
G
G
d
d
V
2
/
1
@
%
5
5
/
5
4
S
C
°
0
5
+
o
t
C
°
0
I
g
n
i
W
ll
u
G
2
G
C
°
0
7
+
o
t
C
°
0
2
-
E
)
2
6
.
7
(
0
3
.
0
0
3
Q
C
°
0
7
+
o
t
C
°
0
3
-
F
)
5
3
.
6
(
5
2
.
0
5
2
Q
C
°
5
8
+
o
t
C
°
0
3
-
N
)
8
0
.
5
(
0
2
.
0
0
2
Q
C
°
5
8
+
o
t
C
°
0
4
-
L
Q15
0.15(3.81)
Q10
0.10(2.54)
R*
±25 ppm max.
K
±30 ppm max.
H
±35 ppm max.
C
±50 ppm max.
* Temp option D, E, F, N and 0°C to +70°C only
Tristate Enable Funct
A
Freq. Stability
Symmetry Options
Temperature Options
Tristate Function
ACHL1 - Frequency - - - - -
Value Added Option
• Tri-state Enable/Disable option.
• Low voltage 2.5Vdc.
• HCMOS and TTL compatible.
• Tight symmetry option.
(ns)


Similar Part No. - ACHL1-N-K-S-A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACHL1 ABRACON-ACHL1 Datasheet
418Kb / 1P
2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - ACHL1-N-K-S-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS360 ETC1-HS360 Datasheet
78Kb / 2P
Crystal Clock Oscillator
NCL030C ETC1-NCL030C Datasheet
147Kb / 1P
Crystal Clock Oscillator
TFG-786XH ETC1-TFG-786XH Datasheet
51Kb / 1P
Crystal Clock Oscillator
logo
NIHON DEMPA KOGYO
NZ2520SB NDK-NZ2520SB Datasheet
96Kb / 1P
Crystal Clock Oscillator
2725Z NDK-2725Z_15 Datasheet
805Kb / 1P
Crystal Clock Oscillator
NZ3225SJ NDK-NZ3225SJ Datasheet
731Kb / 1P
Crystal Clock Oscillator
logo
IQD Frequency Products ...
LFSPXO009586 IQD-LFSPXO009586 Datasheet
392Kb / 2P
Crystal Clock Oscillator
LFSPXO018032 IQD-LFSPXO018032 Datasheet
745Kb / 2P
Crystal Clock Oscillator
LFSPXO018039 IQD-LFSPXO018039 Datasheet
1,009Kb / 2P
Crystal Clock Oscillator
LFSPXO071976 IQD-LFSPXO071976 Datasheet
193Kb / 2P
Crystal Clock Oscillator
LFSPXO076035 IQD-LFSPXO076035 Datasheet
233Kb / 2P
Crystal Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com