Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCN Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCN
Description  Load life of 1000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCN Datasheet(HTML) 1 Page - jb Capacitors Company

  JCN Datasheet HTML 1Page - jb Capacitors Company JCN Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ø
Bi-polar with general temperature+85℃
Ø
Load life of 1000 hours.
SPECIFICATIONS
Operating Temperature
-40℃ ~ +85℃
Voltage Range
6.3V ~ 50V.DC
Capacitance Range
0.1 ~ 100μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current≤ 0.005CV or 10μA, whichever is greater
(After 2 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
6.3
10
16,25
35,50
Tan δ (Max.)
0.24
0.20
0.17
0.15
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated voltage (V)
6.3
10
16,25
35,50
Impedance Ratio
Z(-25℃ )/ Z(20℃)
4
3
2
2
ZT / Z20 (Max.)
Z(-40℃) / Z(20℃)
8
6
4
3
Load Life
After 1000 hours application of rated voltage at85℃ (the polarity needs to exchange every 250 hours),
Capacitors meet the characteristics listed at right.
Capacitance Change
Within ± 20% of initial value.
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 85
for 1000 hours,
They meet the specified value for load life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed at right.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ6.3*7.7
DIMENSIONS(Unit: mm)
ØDxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
A
2.0
2.2
2.6
2.6
B
4.3
5.3
6.6
6.6
C
4.3
5.3
6.6
6.6
E±0.2
1.0
1.4
1.9
1.9
L
5.4
5.4
5.4
7.7
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCN
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCN

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN_15 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
More results

Similar Description - JCN

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXM33MEFC5X11 RUBYCON-35YXM33MEFC5X11 Datasheet
201Kb / 1P
Load Life : 105??10000 hours, Miniaturized.
63RX30220M12.5X20 RUBYCON-63RX30220M12.5X20 Datasheet
204Kb / 2P
Load Life : 130??1000節?000 hours.
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
SHL MERITEK-SHL Datasheet
737Kb / 4P
Load Life : 105C 1000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
Load life of 1000 ~ 2000 hours
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com