Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCN Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCN
Description  Load life of 1000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCN Datasheet(HTML) 2 Page - jb Capacitors Company

  JCN Datasheet HTML 1Page - jb Capacitors Company JCN Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT&IMPEDANCE
6.3
10
16
25
35
50
WV/V
Cap/μF
0J
1A
1C
1E
1V
1H
0.1
0R1
--
--
--
--
--
--
--
--
--
--
4×5.4
1.0
0.22
R22
--
--
--
--
--
--
--
--
--
--
4×5.4
2.0
0.33
R33
--
--
--
--
--
--
--
--
--
--
4×5.4
2.8
0.47
R47
--
--
--
--
--
--
--
--
--
--
4×5.4
4.0
1
010
--
--
--
--
--
--
--
--
--
--
4×5.4
8.4
2.2
2R2
--
--
--
--
--
--
--
--
4×5.4
8.4
5×5.4
13
3.3
3R3
--
--
--
--
--
--
5×5.4
12
5×5.4
16
5×5.4
17
4.7
4R7
--
--
--
--
4×5.4
12
5×5.4
16
5×5.4
18
6.3×5.4
20
10
100
--
--
4×5.4
17
5×5.4
23
6.3×5.4
27
6.3×5.4
29
6.3×7.7
36
22
220
5×5.4
28
6.3×5.4
33
6.3×5.4
37
6.3×7.7
50
6.3×7.7
54
--
--
33
330
6.3×5.4
37
6.3×5.4
41
6.3×5.4
49
6.3×7.7
61
--
--
--
--
47
470
6.3×5.4
45
6.3×7.7
61
6.3×7.7
75
--
--
--
--
--
--
100
101
6.3×7.7
82
6.3×7.7
85
--
--
--
--
--
--
Case
size
Allowab
le
ripple
Case Size ØD×L(mm),ripple current(mA rms) at 85℃ 120Hz
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCN
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCN

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCN JBCAPACITORS-JCN_15 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
SMD Aluminum Electrolytic Capacitor
More results

Similar Description - JCN

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35YXM33MEFC5X11 RUBYCON-35YXM33MEFC5X11 Datasheet
201Kb / 1P
Load Life : 105??10000 hours, Miniaturized.
63RX30220M12.5X20 RUBYCON-63RX30220M12.5X20 Datasheet
204Kb / 2P
Load Life : 130??1000節?000 hours.
logo
MERITEK ELECTRONICS COR...
SET MERITEK-SET Datasheet
711Kb / 4P
Load Life : 125C 2000 hours
SHL MERITEK-SHL Datasheet
737Kb / 4P
Load Life : 105C 1000 hours
SHTL MERITEK-SHTL Datasheet
773Kb / 4P
Load life : 105C 2000 hours.
SLL MERITEK-SLL Datasheet
737Kb / 4P
Load Life : 85C 2000 hours
SRF MERITEK-SRF Datasheet
793Kb / 4P
Load Life : 105C 1000~2000 hours
logo
jb Capacitors Company
JCD JBCAPACITORS-JCD Datasheet
241Kb / 4P
Load life of 1000 ~ 2000 hours
JCE JBCAPACITORS-JCE Datasheet
260Kb / 2P
Load life of 2000~3000 hours
JCL JBCAPACITORS-JCL Datasheet
295Kb / 3P
Load life of 3000~5000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com