Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC_HCT42_CNV Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC_HCT42_CNV
Description  BCD to decimal decoder (1-of-10)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT42_CNV Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC_HCT42_CNV_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT42_CNV_15 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
December 1990
6
Philips Semiconductors
Product specification
BCD to decimal decoder (1-of-10)
74HC/HCT42
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the input (An) to output (Yn) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Similar Part No. - 74HC_HCT42_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT423 PHILIPS-74HC_HCT423_15 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Similar Description - 74HC_HCT42_CNV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
   BCD to decimal decoder 1-of-10
December 1990
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
   BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com