Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2750 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2750
Description  2.4GHz Monolithic Voltage-Controlled Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2750 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2750 Datasheet HTML 1Page - Maxim Integrated Products MAX2750 Datasheet HTML 2Page - Maxim Integrated Products MAX2750 Datasheet HTML 3Page - Maxim Integrated Products MAX2750 Datasheet HTML 4Page - Maxim Integrated Products MAX2750 Datasheet HTML 5Page - Maxim Integrated Products MAX2750 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.4GHz Monolithic
Voltage-Controlled Oscillators
4
_______________________________________________________________________________________
Pin Description
0.1
1
10
PHASE NOISE
OFFSET FREQUENCY (MHz)
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
TEMPERATURE (
°C)
-5
-4
-3
-2
-40
0
-20
20
40
60
80
MAX2751
OUTPUT POWER vs. TEMPERATURE
ƒO
O
FREQUENCY
∆ = 48dBc
∆ MKR
-30.00dB
∆ = 30dBc
NORMALIZED HARMONIC
OUTPUT SPECTRUM
O
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VCC = +3.0V, VTUNE = +0.4V to +2.4V, V SHDN
≤ 2V, TA = +25°C, unless otherwise noted.)
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
468
2
101214
18
16
20
OSCILLATOR TURN-ON TIME
TIME (
µs)
8
µs
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
468
2
101214
18
16
20
OSCILLATOR TURN-ON TIME
TIME (
µs)
4
µs
PIN
NAME
FUNCTION
1
BYP
VCO Bypass. Bypass with a 0.1µF capacitor to GND.
2
TUNE
Oscillator Frequency Tuning Voltage Input. High-impedance input with a voltage input range of +0.4V
(low frequency) to +2.4V (high frequency).
3
GND
Ground Connection for Oscillator and Biasing. Requires a low-inductance connection to the circuit
board ground plane.
4
SHDN
Shutdown Logic Input. A high-impedance input logic level low disables the device and reduces
supply current to less than 1.0µA. A logic level high enables the device.
5VCC1
Bias and Oscillator DC Supply Voltage Connection. Bypass separately from PIN6 with a 220pF
capacitor to GND for low noise and low spurious content performance from the oscillator.
6VCC2
Output Buffer DC Supply Voltage Connection. Bypass separately from PIN5 with a 220pF capacitor to
GND for best high frequency performance.
7
OUT
Buffered Oscillator Output. Incorporates an internal DC blocking capacitor. OUT is internally matched
to 50
Ω.
8
GND
Ground Connection for Output Buffer. Requires a low-inductance connection to the circuit board
ground plane.


Similar Part No. - MAX2750

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750 MAXIM-MAX2750 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2750 MAXIM-MAX2750 Datasheet
113Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 10/00
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2750AUA++ MAXIM-MAX2750AUA+ Datasheet
715Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillator
2015
More results

Similar Description - MAX2750

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2750_V1 MAXIM-MAX2750_V1 Datasheet
168Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillators
Rev 1; 5/12
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
   Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2622 MAXIM-MAX2622_V01 Datasheet
150Kb / 6P
   Monolithic Voltage-Controlled Oscillators
2018
MAX2750AUA MAXIM-MAX2750AUA_V01 Datasheet
715Kb / 7P
   2.4GHz Monolithic Voltage-Controlled Oscillator
2015
MAX2750AUA MAXIM-MAX2750AUA Datasheet
158Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator for Automotive
Rev 0; 6/07
MAX2753 MAXIM-MAX2753 Datasheet
141Kb / 6P
   2.4GHz Monolithic Voltage-Controlled Oscillator with Differential Outputs
Rev 0; 1/01
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com