Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products MAX2642 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
BIAS
Resistor Bias Control. Connect a resistor, RBIAS, from BIAS to ground. RBIAS sets IP3 and supply
current (see Applications Information). The current through this pin is approximately 50mV divided
by RBIAS.
2, 5
GND
Ground. For optimum performance, provide a low-inductance connection to the ground plane.
3
RFIN
Amplifier Input. AC-couple to this pin with a DC-blocking capacitor. External matching network is
required for optimum performance.
4VCC
Supply Voltage. Bypass with a 47pF capacitor directly to ground at the supply pin. Additional
bypassing may be necessary for long VCC lines.
6
RFOUT
Amplifier Output. Internally matched to 50
Ω. DC bias on this pin selects gain mode (MAX2642) or
shutdown mode (MAX2643) (see Applications Information).
Applications Information
Input Matching
Input matching is required for optimum performance.
The MAX2642/MAX2643 require a simple LC matching
network, as shown in the Typical Operating Circuit. To
further reduce cost and external component count,
replace the external inductor with a microstrip transmis-
sion line. The Typical Operating Circuit shows the rec-
ommended input-matching networks for the MAX2642/
MAX2643 at 900MHz. These values are optimized for
best simultaneous gain, noise figure, and return-loss
performance. To aid in the design of the matching net-
work for other frequencies, Tables 1–6 list typical
device S-parameters for various biases, and Tables 7,
8, and 9 list typical device noise parameters.
Attenuation Step (MAX2642)
The MAX2642’s DC bias voltage at RFOUT serves as
an attenuation step input. When the DC voltage at
RFOUT through a 33k
Ω resistor is less than +0.6V, the
device is in high-gain mode; if the DC voltage is greater
than +2.0V, the device is in low-gain mode. A standard
logic output can be applied as shown in the Typical
Operation Circuit. If no bias is applied, the device is in
high-gain mode.
Shutdown
For the MAX2643, the recommended shutdown method
is to set the DC voltage at the RFOUT pin in a manner
similar to the MAX2642’s attenuation step. That is, when
the DC voltage at RFOUT is below +0.6V, the device is
shut down; if the DC voltage is greater than +2.0V, the
device is enabled.
For the MAX2642, shutdown is achieved by leaving
BIAS unconnected. Figure 1 shows the suggested
shutdown methods. Avoid capacitance at the BIAS pin
by connecting the bias resistor from BIAS to the switch.
Table 10 summarizes the operational modes.
Layout Issues
A properly designed PC board is essential to any
RF/microwave circuit. Use controlled impedance lines
on all high-frequency inputs and outputs. Bypass with
decoupling capacitors located close to the device VCC
pin. For long VCC lines, it may be necessary to add
additional decoupling capacitors. These additional
capacitors can be located farther away from the device
package. Proper grounding of the GND pins is essen-
tial. If the PC board uses a topside RF ground, connect
it directly to all GND pins. For a board where the
ground plane is not on the component layer, the best
technique is to connect the GND pins to the board with
a plated through-hole located close to the package.


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com