Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2642 Datasheet HTML 1Page - Maxim Integrated Products MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
_______________________________________________________________________________________
5
12.6
13.0
12.8
13.4
13.2
13.8
13.6
14.0
800
880
840
920
960
820
900
860
940
980 1000
MAX2642
ATTENUATION STEP vs. FREQUENCY
FREQUENCY (MHz)
MATCHED AT 900MHz
-35
-25
-30
-15
-20
-5
-10
0
800
880
840
920
960
820
900
860
940
980 1000
RETURN LOSS vs. FREQUENCY
(HIGH GAIN)
FREQUENCY (MHz)
MATCHED AT 900MHz
INPUT
OUTPUT
-35
-25
-30
-15
-20
-5
-10
0
800
880
840
920
960
820
900
860
940
980 1000
MAX2642
RETURN LOSS vs. FREQUENCY
(LOW GAIN)
FREQUENCY (MHz)
MATCHED AT 900MHz
INPUT
OUTPUT
-35
-25
-30
-15
-20
-5
-10
0
800
880
840
920
960
820
900
860
940
980 1000
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
MATCHED AT 900MHz
LOW GAIN
HIGH GAIN
-60
-50
-20
-10
-30
-40
0
MAX2642
HIGH/LOW-GAIN SWITCH
CHARACTERISTICS
TIME (400ns/div)
VRFOUT
0V
3V
-90
-70
-80
-50
-60
-40
-30
-10
-20
0
MAX2643
SHUTDOWN CHARACTERISTICS
TIME (4
µs/div)
VRFOUT
0V
3V
0
4
2
8
6
10
12
14
16
0
400 600
200
800 1000 1200 1400 1600
SUPPLY CURRENT vs. RBIAS
RBIAS (
Ω)
TA = +85
°C, HIGH GAIN
TA = -40
°C, LOW GAIN
TA = +85
°C, LOW GAIN
TA = +25
°C, LOW GAIN
TA = +25
°C, HIGH GAIN
TA = -40
°C, HIGH GAIN
0.0001
0.1
0.01
0.001
10
1
-40
-20
0
20
40
60
80
100
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 5.5V
VCC = 3.0V
4.0
4.8
4.4
5.6
5.2
6.4
6.0
6.8
7.6
7.2
8.0
2.4
3.2
3.6
2.8
4.0
4.4
4.8
5.2
5.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +85
°C, HIGH GAIN
TA = -40
°C, LOW GAIN
TA = +85
°C, LOW GAIN
TA = +25
°C, LOW GAIN
TA = +25
°C, HIGH GAIN
TA = -40
°C,
HIGH GAIN
Typical Operating Characteristics (continued)
(MAX2642/MAX2643 EV kits, VCC = +3.0V, PRFIN = -30dBm, input and output are terminated to 50
Ω, fRFIN = 900MHz, RBIAS =
510
Ω, high-gain mode (low-gain mode is applicable only to the MAX2642), TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com