Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2642 Datasheet HTML 1Page - Maxim Integrated Products MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
4
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX2642/MAX2643 EV kits, VCC = +3.0V, PRFIN = -30dBm, input and output are terminated to 50
Ω, fRFIN = 900MHz, RBIAS =
510
Ω, high-gain mode (low-gain mode is applicable only to the MAX2642), TA = +25°C, unless otherwise noted.)
-15
-11
-13
-7
-9
-3
-5
-1
3
1
5
0
400 600 800
200
1000 1200 1400 1600 1800
INPUT THIRD-ORDER INTERCEPT
vs. RBIAS (HIGH GAIN)
RBIAS (
Ω)
TA = +85°C
TA = +25°C
TA = -40°C
-15
-1
-3
3
1
7
5
9
11
MAX2642
INPUT THIRD-ORDER INTERCEPT
vs. RBIAS (LOW GAIN)
RBIAS (
Ω)
0
500
1000
1500
2000
-5
-7
-9
-11
-13
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
3
2
1
4
5
6
800
880
860
820 840
900 920 940 960 980 1000
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
LOW GAIN
HIGH GAIN
MATCHED AT 900MHz
0
1
2
4
3
5
6
-40
-20
0
20
40
60
80
100
NOISE FIGURE vs. TEMPERATURE
TEMPERATURE (°C)
LOW GAIN
HIGH GAIN
-24
-20
-22
-14
-16
-18
-10
-12
-8
0
600 800
200 400
1000 1200 1400 1600 1800
P1dB vs. RBIAS
RBIAS (
Ω)
TA = -40
°C,
HIGH GAIN
TA = +85
°C, HIGH GAIN
TA = -40
°C, LOW GAIN
TA = +85
°C, LOW GAIN
TA = +25
°C, LOW GAIN
TA = +25
°C, HIGH GAIN
-28
-20
-24
-12
-16
-4
-8
0
8
4
12
-30
-22
-18
-26
-14
-10
-6
-2
2
OUTPUT POWER vs. INPUT POWER
PIN (dBm)
510
Ω, HIGH GAIN
1.1k
Ω, LOW GAIN
510
Ω, LOW GAIN
806
Ω, LOW GAIN
806
Ω, HIGH GAIN
1.1k
Ω, HIGH GAIN
0
4
2
8
6
12
10
14
18
16
20
0
400 600 800
200
1000 1200 1400 1600 1800
GAIN vs. RBIAS
RBIAS(
Ω)
-2
-4
TA = +85°C, HIGH GAIN
TA = -40°C, HIGH GAIN
TA = -40°C, LOW GAIN
TA = +85°C, LOW GAIN
TA = +25°C,
HIGH GAIN
TA = +25°C, LOW GAIN
4
10
8
6
12
14
18
16
20
2.4
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
GAIN vs. SUPPLY VOLTAGE
VCC (V)
2
0
-2
-4
TA = +85
°C, HIGH GAIN
TA = -40
°C, HIGH GAIN
TA = -40
°C, LOW GAIN
TA = +85
°C, LOW GAIN
TA = +25
°C, LOW GAIN
TA = +25
°C, HIGH GAIN
0
4
2
8
6
12
10
14
18
16
20
800
840 860 880
820
900 920 940
980
960
1000
GAIN vs. FREQUENCY
FREQUENCY (MHz)
MATCHED AT 900MHz
LOW-GAIN MODE
HIGH-GAIN MODE


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com