Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2642 Datasheet HTML 1Page - Maxim Integrated Products MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX2642/MAX2643 EV kits, PRFIN = -30dBm, fRFIN = 900MHz, input and output are terminated to 50
Ω, VCC = +3.0V, TA = +25°C,
RBIAS = 510
Ω, unless otherwise noted.) (Note 12)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Frequency Range
(Note 13)
800
1000
MHz
Gain (Note 14)
TA = +25
°C
14.5
16.7
19
dB
Gain Variation Over Temperature
TA = -40
°C to +85°C
±0.35
±0.75
dB
Attenuation Step
MAX2642 only
13
dB
RBIAS = 510
0
RBIAS = 806
-5
Input Third-Order Intercept Point
(Note 15)
RBIAS = 1.1k
-10
dBm
-18
Input 1dB Compression Point
MAX2642, low-gain mode
-17
dBm
1.35
1.6
Noise Figure (Note 16)
MAX2642, low-gain mode
4.3
dB
-10
-12
Input Return Loss
MAX2642, low-gain mode
-10
-18
dB
-10
-14
Output Return Loss
MAX2642, low-gain mode
-10
-11
dB
-20
-26
Reverse Isolation
MAX2642, low-gain mode
-10
-17
dB
Gain-Step Response Time
MAX2642
5
10
µs
MAX2643
6
10
Shutdown Response Time
MAX2642, through series switch at BIAS
12
µs
Note 1:
Devices are production tested at TA = +25°C. Minimum and maximum values are guaranteed by design and characterization
over temperature and supply voltage.
Note 2:
High-gain mode is set for the MAX2642 by connecting RFOUT to GND through a 33k
Ω resistor.
Note 3:
Low-gain mode is applicable only to the MAX2642 and is set by connecting RFOUT to VCC through a 33k
Ω resistor.
Note 4:
Maximum DC voltage through a 33k
Ω resistor that sets the MAX2642 to operate in high-gain mode.
Note 5:
Minimum DC voltage through a 33k
Ω resistor that sets the MAX2642 to operate in low-gain mode.
Note 6:
DC current required when RFOUT is connected to GND through a 33k
Ω resistor (MAX2642) and 10kΩ resistor (MAX2643).
Note 7:
DC current required when RFOUT is connected to VCC through a 33k
Ω resistor (MAX2642) and 10kΩ resistor (MAX2643).
Note 8:
Normal operation is set for the MAX2643 by connecting RFOUT to VCC through a 10k
Ω resistor.
Note 9:
Shutdown is set for the MAX2643 by connecting RFOUT to GND through a 10k
Ω resistor.
Note 10: Minimum DC voltage through a 10k
Ω resistor that sets the MAX2643 to operate in normal mode.
Note 11: Maximum DC voltage through a 10k
Ω resistor that sets the MAX2643 to operate in shutdown mode.
Note 12: Min/Max limits are guaranteed by design and characterization, except gain is production tested at TA = +25°C.
Note 13: The part has been characterized at the specified frequency range. Operation outside this range is possible but not guar-
anteed.
Note 14: Devices are production tested at TA = +25°C.
Note 15: Measured with two input tones, f1 = 895MHz and f2 = 905MHz, both at -30dBm per tone.
Note 16: Excludes PC board losses (0.25dB typical at the input of the MAX2642/MAX2643 EV kit).


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com