Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2642 Datasheet HTML 1Page - Maxim Integrated Products MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS—MAX2642
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, no RF signal applied, RFIN and RFOUT are AC-coupled and terminated to 50
Ω, high-
gain mode. Typical values are at VCC = 3.0V, TA = +25°C, unless otherwise noted.) (Notes 1, 2, 3)
DC ELECTRICAL CHARACTERISTICS—MAX2643
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, no RF signal applied, RFIN and RFOUT are AC-coupled and terminated to 50
Ω. Typical
values are at VCC = 3.0V, TA = +25°C, unless otherwise noted.) (Notes 1, 8, 9)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
RFOUT to GND...........................................-0.3V to (VCC + 0.3V)
RFIN to GND ..................................................................0 to 0.9V
RFIN Power (50
Ω source) ................................................+5dBm
BIAS to GND ................................................................0 to +0.3V
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Continuous Power Dissipation (TA = +70°C)
SC70-6 (derate 3.1mW/°C above +70°C) ...................245mW
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
5.5
V
High-gain mode, RBIAS = 510
Ω, TA = +25°C
5.3
6.7
RBIAS = 510
Ω, TA = -40°C to +85°C
7.5
RBIAS = 806
3.6
RBIAS = 1.1k
2.8
Operating Supply Current
Low-gain mode, RBIAS = 510
Ω, TA = 25°C
5.9
mA
Shutdown Supply Current
BIAS = unconnected (see Applications Information)
0.2
mA
High-gain mode (Note 4)
0.6
Gain Control Voltage Input
Low-gain mode (Note 5)
2.0
V
High-gain mode (Note 6)
-10
0
Gain Control Input Current
Low-gain mode (Note 7)
0
50
µA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.7
5.5
V
RBIAS = 510
Ω, TA = +25°C
5.1
6.5
RBIAS = 510
Ω, TA = -40°C to +85°C
7.3
RBIAS = 806
3.4
Operating Supply Current
RBIAS = 1.1k
2.6
mA
Shutdown Supply Current
Shutdown mode (see Applications Information)
0.2
10
µA
Normal operation (Note 10)
2.0
Shutdown Control Input Voltage
Shutdown mode (Note 11)
0.6
V
Normal operation (Note 7)
0
10
Shutdown Control Input Current
Shutdown mode (Note 6)
-5
5
µA


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com