Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2642 Datasheet HTML 1Page - Maxim Integrated Products MAX2642 Datasheet HTML 2Page - Maxim Integrated Products MAX2642 Datasheet HTML 3Page - Maxim Integrated Products MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX2642/MAX2643 low-cost, high third-order inter-
cept point (IP3), low-noise amplifiers (LNAs) are
designed for applications in cellular, ISM, SMR, and
PMR systems. They feature a programmable bias,
allowing the IP3 and supply current to be optimized for
specific applications. These LNAs provide up to 0dBm
input IP3 while maintaining a low noise figure of 1.3dB.
The gain for these devices is typically 17dB. The
MAX2642 also features a 13dB attenuation step, which
extends the LNA’s dynamic range. Both devices feature
a shutdown mode that minimizes power consumption.
On-chip output matching saves board space by reduc-
ing the number of external components.
The MAX2642/MAX2643 are designed on a low-noise,
advanced silicon-germanium (SiGe) process technolo-
gy. They operate from a +2.7V to +5.5V single supply
and are available in the ultra-small 6-pin SC70 package.
________________________Applications
800MHz/900MHz Cellular Phones
900MHz Cordless Phones
868MHz/900MHz ISM-Band Wireless Data
PMR/SMR/LMR
Features
o Wide Frequency Range: 800MHz to 1000MHz
o High Output IP3 and Adjustable
+17dBm at 5.3mA
+7dBm at 2.8mA
o Low Noise Figure: 1.3dB at 900MHz
o 13dB Attenuation Step (MAX2642)
o On-Chip Output Matching
o Low-Power Shutdown Mode
o +2.7V to +5.5V Single-Supply Operation
o Ultra-Small SC70-6 Package
900MHz SiGe, High IP3,
Low-Noise Amplifiers
________________________________________________________________ Maxim Integrated Products
1
GND
VCC
RFIN
16
RFOUT
5
GND
BIAS
MAX2642
MAX2643
SC70-6
TOP VIEW
2
34
Pin Configuration
19-1682; Rev 0; 4/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
6 SC70-6
PIN-
PACKAGE
TEMP. RANGE
-40°C to +85°C
MAX2642EXT-T
PART
AAC
TOP
MARK
6 SC70-6
-40°C to +85°C
MAX2643EXT-T
AAD
MAX2642
MAX2643
RF
INPUT
GND
RFIN
RFOUT
( ) ARE FOR MAX2643.
C1
3.3pF
L1
8.7nH
BIAS
VCC
VCC
47pF
RBIAS
510
RF
OUTPUT
33k
(10k)
LOW GAIN
(ENABLE)
HIGH GAIN
(SHUTDOWN)
BIAS
Typical Operating Circuit


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com