Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products MAX2642 Datasheet HTML 10Page - Maxim Integrated Products MAX2642 Datasheet HTML 11Page - Maxim Integrated Products MAX2642 Datasheet HTML 12Page - Maxim Integrated Products MAX2642 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
_______________________________________________________________________________________
9
Table 3. MAX2642/MAX2643 Typical Scattering Parameters
(RBIAS = 1.1k
Ω, high-gain mode, VCC = +3.0V, TA = +25°C.)
FREQ
(MHz)
S11 MAG
S11 PHASE
(DEGREES)
S21 MAG
S11 PHASE
(DEGREES)
S12 MAG
S12 PHASE
(DEGREES)
S22 MAG
S22 PHASE
(DEGREES)
500
0.878512
-66.0475
1.445864
-114.652
0.011049
175.9688
0.882121
-73.97408
600
0.86813
-79.0081
2.398259
-131.281
0.01977
166.0087
0.745577
-100.0799
700
0.834311
-91.9431
3.218232
-155.869
0.033312
149.3926
0.502282
-129.8978
800
0.793611
-102.384
3.544617
179.1002
0.038594
131.9641
0.223248
-160.5161
820
0.783644
-104.098
3.563583
174.4488
0.040112
131.6111
0.173175
-166.8809
840
0.774329
-105.921
3.546937
170.1934
0.038383
128.1902
0.126351
-173.2415
860
0.767016
-107.766
3.529998
165.871
0.04004
126.4807
0.086328
178.6352
880
0.762463
-109.461
3.500193
161.8438
0.041375
124.4402
0.049822
167.1237
900
0.753622
-111.254
3.463616
158.0655
0.043587
123.8527
0.020398
128.5957
920
0.748921
-113.148
3.419726
154.6982
0.043975
123.9237
0.024778
48.71712
940
0.743011
-114.988
3.36768
151.2749
0.045614
121.0385
0.04661
18.5372
960
0.737437
-116.709
3.309045
148.0373
0.044426
118.9012
0.070736
10.02515
980
0.733572
-118.379
3.261195
145.4087
0.046581
118.374
0.092621
4.197083
1000
0.729122
-119.87
3.203007
142.5148
0.048343
116.9249
0.110062
-0.293905
1100
0.710864
-127.286
2.970843
130.8328
0.055616
115.1579
0.183756
-10.46082
1200
0.688941
-134.781
2.789044
120.5809
0.061803
105.9973
0.238134
-16.81635
1300
0.668471
-141.275
2.637086
111.4044
0.065281
100.6171
0.289607
-21.34393
1400
0.655478
-146.685
2.491515
103.3737
0.073887
96.84646
0.335752
-27.6725
1500
0.638124
-152.12
2.352013
94.07729
0.077901
90.34502
0.381179
-33.81158


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
    Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
   900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
   2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
   1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
   HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
   400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com