Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2642 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2642
Description  900MHz SiGe, High IP3, Low-Noise Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2642 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2642 Datasheet HTML 4Page - Maxim Integrated Products MAX2642 Datasheet HTML 5Page - Maxim Integrated Products MAX2642 Datasheet HTML 6Page - Maxim Integrated Products MAX2642 Datasheet HTML 7Page - Maxim Integrated Products MAX2642 Datasheet HTML 8Page - Maxim Integrated Products MAX2642 Datasheet HTML 9Page - Maxim Integrated Products MAX2642 Datasheet HTML 10Page - Maxim Integrated Products MAX2642 Datasheet HTML 11Page - Maxim Integrated Products MAX2642 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
900MHz SiGe, High IP3,
Low-Noise Amplifiers
8
_______________________________________________________________________________________
Table 2. MAX2642/MAX2643 Typical Scattering Parameters
(RBIAS = 806
Ω, high-gain mode, VCC = +3.0V, TA = +25°C.)
FREQ
(MHz)
S11 MAG
S11 PHASE
(DEGREES)
S21 MAG
S21 PHASE
(DEGREES)
S12 MAG
S12 PHASE
(DEGREES)
S22 MAG
S22 PHASE
(DEGREES)
500
0.865705
-67.5629
1.788918
-115.899
0.009763
164.6001
0.880237
-73.81893
600
0.853946
-80.7084
2.926709
-132.446
0.021656
165.374
0.739354
-99.52715
700
0.820187
-94.1329
3.884537
-157.426
0.029766
148.5047
0.49107
-128.1454
800
0.775557
-104.428
4.237314
177.9528
0.036728
130.1148
0.216415
-153.3392
820
0.765138
-106.343
4.226094
173.3886
0.038253
129.5942
0.166772
-157.7809
840
0.759
-108.042
4.214913
169.298
0.038842
128.7876
0.121201
-160.7175
860
0.7495
-109.928
4.182436
165.3457
0.040084
127.3742
0.082263
-160.9349
880
0.741722
-111.683
4.134814
161.548
0.04118
127.2791
0.045314
-158.0615
900
0.736069
-113.369
4.085018
157.8688
0.04194
125.3719
0.016624
-133.0426
920
0.728957
-115.127
4.032105
154.6118
0.044642
123.3553
0.021369
-38.41852
940
0.724118
-116.951
3.965561
151.3371
0.044574
121.8034
0.043243
-17.90431
960
0.719676
-118.584
3.903364
148.3141
0.044792
120.7695
0.066898
-14.20027
980
0.714506
-120.313
3.83867
145.3527
0.045551
118.109
0.084163
-12.76007
1000
0.709103
-121.959
3.777
142.7001
0.046434
119.036
0.102269
-13.88384
1100
0.691292
-129.341
3.483283
131.8578
0.054775
114.7347
0.169693
-18.18657
1200
0.67035
-136.703
3.27255
121.9156
0.061407
108.2008
0.220689
-21.72272
1300
0.650556
-143.014
3.09574
113.1691
0.064829
103.5856
0.26965
-24.86245
1400
0.635363
-148.565
2.934971
105.3286
0.075142
97.9223
0.315264
-30.21604
1500
0.616202
-153.536
2.756155
96.43876
0.074664
92.88747
0.360706
-35.70454


Similar Part No. - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642EVKIT MAXIM-MAX2642EVKIT Datasheet
135Kb / 4P
Evaluation Kits
Rev 0; 4/00
MAX2642EXT-T MAXIM-MAX2642EXT-T Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
More results

Similar Description - MAX2642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2642 MAXIM-MAX2642_V01 Datasheet
241Kb / 16P
900MHz SiGe, High IP3, Low-Noise Amplifiers
2018
MAX2644 MAXIM-MAX2644 Datasheet
162Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2644 MAXIM-MAX2644_03 Datasheet
168Kb / 8P
2.4GHz SiGe, High IP3 Low-Noise Amplifier
Rev 1; 11/03
MAX2654 MAXIM-MAX2654 Datasheet
361Kb / 14P
1575MHz/1900MHz Variable-IP3 Low-Noise Amplifiers
19-1872; Rev 1; 4/02
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_03 Datasheet
174Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 2; 8/03
logo
Analog Devices
HMC639ST89 AD-HMC639ST89 Datasheet
351Kb / 6P
HIGH IP3, LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640 MAXIM-MAX2640 Datasheet
111Kb / 8P
400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
19-1384; Rev 1; 2/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com