Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2326EUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2326EUP
Description  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2326EUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2326EUP Datasheet HTML 4Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 5Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 6Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 7Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 8Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 9Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 10Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 11Page - Maxim Integrated Products MAX2326EUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
10
12
11
14
13
16
15
17
48
10
6
121416
CELLULAR-BAND HGHL LNA GAIN
vs. CURRENT
LNA CURRENT (mA)
TA = -40
°C
TA = +25
°C
TA = +85
°C
-2
2
0
8
6
4
14
12
10
16
870
890
850
910
CELLULAR-BAND LNA GAIN
vs. FREQUENCY
FREQUENCY (MHz)
LGHL
HGHL
HGHL, FM
10
12
11
14
13
16
15
17
49
14
PCS-BAND HGHL LNA GAIN
vs. CURRENT
LNA CURRENT (mA)
TA = -40
°C
TA = +25
°C
TA = +85
°C
10
12
11
14
13
15
16
5
101520
PCS-BAND HGHL LNA GAIN
vs. CURRENT
LNA CURRENT (mA)
VCC = +2.7V TO +3.6V
0
40
30
20
10
70
60
50
90
80
100
0.7
0.6
0.5
0.9
0.8
1.0
0
150 200
50 100
250 300 350 400 450
FM MIXER IF
PORT IMPEDANCE
MAX2320 toc10
FREQUENCY (MHz)
CAPACITANCE
RESISTANCE
-3
1
-1
9
7
5
3
13
11
15
1900
1950
2000
PCS-BAND LNA GAIN vs. FREQUENCY
FREQUENCY (MHz)
HGLL, FM
LGHL
HGHL
10
18
700
800
1000
CELLULAR-BAND HGHL LNA
MAXIMUM AVAILABLE GAIN
FREQUENCY (MHz)
11
12
13
14
15
16
17
900
750
850
950
12
18
1700
1900
2500
PCS-BAND HGHL LNA
MAXIMUM AVAILABLE GAIN
FREQUENCY (MHz)
13
14
15
16
17
2100
2300
1800
2400
2000
2200
0
3
2
1
4
5
6
7
8
9
10
05
15
10
20
CELLULAR-BAND HGHL LNA IIP3
vs. CURRENT
LNA CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C


Similar Part No. - MAX2326EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Similar Description - MAX2326EUP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com