Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2156PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 3 Page - International Rectifier

  IR2156PBF_15 Datasheet HTML 1Page - International Rectifier IR2156PBF_15 Datasheet HTML 2Page - International Rectifier IR2156PBF_15 Datasheet HTML 3Page - International Rectifier IR2156PBF_15 Datasheet HTML 4Page - International Rectifier IR2156PBF_15 Datasheet HTML 5Page - International Rectifier IR2156PBF_15 Datasheet HTML 6Page - International Rectifier IR2156PBF_15 Datasheet HTML 7Page - International Rectifier IR2156PBF_15 Datasheet HTML 8Page - International Rectifier IR2156PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2156(S)PbF
3
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VBSUV+
VCLAMP
V
VS
Steady state high side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
ICC
Supply current
Note 2
10
mA
CT
CT lead capacitance
220
---
pF
ISD
Shutdown lead current
-1
1
mA
ICS
Current sense pin current
-1
1
TJ
Junction temperature
-25
125
ºC
Note 2: Enough current should be supplied into the VCC pin to keep the internal 15.6V zener clamp diode on this pin
regulating at its voltage, VCLAMP.
Electrical Characteristics
VCC = VBS = VBIAS = 14V +/- 0.25V, VVDC=Open, RT=40KΩ, RPH=100KΩ, CT=470 pF, VCPH=0.0V, VSD=0.0V,
VCS=0.0V, CLO=CHO=1000 pF, TA=25C unless otherwise specified.
Symbol
Definition
Min
Typ
Max Units
Test Conditions
Supply Characteristics
VCCUV+
VCC supply undervoltage positive going
threshold
10.5
11.5
12.5
V
VCC rising from 0V
VCCUV-
VCC supply undervoltage negative going
threshold
8.5
9.5
10.5
VCC falling from 14V
VUVHYS VCC supply undervoltage lockout hysteresis
1.5
2.0
3.0
IQCCUV UVLO mode quiescent current
50
120
200
µA
VCC=11V
IQCCFLT Fault-mode quiescent current
---
200
470
SD = 5.1V, or
CS = 1.3V
IQCC
Quiescent VCC supply current
---
1.0
1.5
mA
CT connected to COM,
VCC = 14V, RT = 15k
ICC40k VCC supply current, f = 40kHz
1.3
1.5
1.7
VCPH=12V, VVDC=12V
VCLAMP VCC zener clamp voltage
14.5
15.6
16.5
V
ICC = 5mA
Floating Supply Characteristics
IQBS0
Quiescent VBS supply current
-5
0
5
µA
VHO = VS (CT=0V)
IQBS1
Quiescent VBS supply current
---
30
50
VHO = VB (CT=14V)
ILK
Offset supply leakage current
---
---
50
µA
VB = VS = 600V


Similar Part No. - IR2156PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156PBF IRF-IR2156PBF Datasheet
497Kb / 24P
   BALLAST CONTROL IC
More results

Similar Description - IR2156PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com