Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2156PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IR2156PBF
Description  BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2156PBF Datasheet(HTML) 2 Page - International Rectifier

  IR2156PBF_15 Datasheet HTML 1Page - International Rectifier IR2156PBF_15 Datasheet HTML 2Page - International Rectifier IR2156PBF_15 Datasheet HTML 3Page - International Rectifier IR2156PBF_15 Datasheet HTML 4Page - International Rectifier IR2156PBF_15 Datasheet HTML 5Page - International Rectifier IR2156PBF_15 Datasheet HTML 6Page - International Rectifier IR2156PBF_15 Datasheet HTML 7Page - International Rectifier IR2156PBF_15 Datasheet HTML 8Page - International Rectifier IR2156PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IR2156(S)PbF
2
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur.
All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The Thermal
Resistance and Power Dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply voltage
-0.3
625
V
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low side output voltage
-0.3
VCC + 0.3
IOMAX
Maximum allowable output current (HO, LO)
due to external power transistor miller effect
-500
500
mA
VDC
VDC pin voltage
-0.3
VCC+0.3
V
VCT
CT pin voltage
-0.3
VCC+0.3
VCPH
CPH pin voltage
-0.3
VCC+0.3
ICPH
CPH pin current
-5
5
mA
IRPH
RPH pin current
-5
5
VRPH
RPH pin voltage
-0.3
VCC+0.3
V
IRT
RT pin current
-5
5
mA
VRT
RT pin voltage
-0.3
VCC+0.3
V
VCS
Current sense pin voltage
-0.3
5.5
ICS
Current sense pin current
-5
5
mA
ISD
Shutdown pin current
-5
5
ICC
Supply current (Note 1)
-20
20
dV/dt
Allowable offset voltage slew rate
-50
50
V/ns
PD
Package power dissipation @ TA ≤ +25ºC
(14-Pin DIP)
PD = (TJMAX-TA)/RθJA
(14-Pin SOIC)
---
1.80
W
---
1.40
R
θJA
Thermal resistance, junction to ambient
(14-Pin DIP)
---
70
ºC/W
(14-Pin SOIC)
---
82
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
ºC
TL
Lead temperature (soldering, 10 seconds)
---
300
Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6V. Please note that this supply pin should not be driven by a DC, low impedance power source greater than
the VCLAMP specified in the Electrical Characteristics section.


Similar Part No. - IR2156PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156PBF IRF-IR2156PBF Datasheet
497Kb / 24P
   BALLAST CONTROL IC
More results

Similar Description - IR2156PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com